Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP653-R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QBLP653-R
Description  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP653-R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QBLP653-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 13Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
QBLP653 Series
1208 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP653_series
Date: April 23, 2014
Page 10 of 14
Version# 1.5
Solder Profile & Footprint
-Recommended tin glue specifications: melting temperature in the range of 178~192
OC
-The recommended reflow soldering profile is as follows (temperatures indicated are as measured
on the surface of the LED resin):
Recommended Pad Layout
Units: mm
Tolerance: ± 0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com