Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP653-R Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # QBLP653-R
Description  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP653-R Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QBLP653-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 11Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 12Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 13Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
QBLP653 Series
1208 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP653_series
Date: April 23, 2014
Page 13 of 14
Version# 1.5
Ordering Information
Part #
Orderable Part #
Spec Range
Quantity per reel
QBLP653-IW
QBLP653-IW
Iv=180mcd typ. @ 20mA, / CIE Coordinate:
(X=0.28, Y=0.29) typ.
1,500 units
QBLP653-IB
QBLP653-IB
Iv=750 mcd typ. / Color=455nm ~ 465nm
1,500 units
QBLP653-IG
QBLP653-IG
Iv=5700 mcd typ. / Color=520nm ~ 530nm
1,500 units
QBLP653-R
QBLP653-R
Iv=3850 mcd typ. / Color =620nm ~ 630nm
1,500 units
QBLP653-AG
QBLP653-AG
Iv=620 mcd typ. / Color=565nm ~ 576nm
1,500 units
QBLP653-Y
QBLP653-Y
Iv=3400 mcd typ. / Color =585nm ~ 595nm
1,500 units
QBLP653-O
QBLP653-O
Iv=3350 mcd typ. / Color=600nm ~ 610nm
1,500 units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com