Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP653-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBLP653-R
Description  SMD LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP653-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBLP653-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP653-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
QBLP653 Series
1208 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP653_series
Date: April 23, 2014
Page 5 of 14
Version# 1.5
Luminous Intensity IV @ IF=20mA
Bin
Min.
Max.
Unit
J
100
125
mcd
K
125
160
L
160
200
M
200
250
N
250
320
O
320
400
P
400
500
Q
500
630
R
630
800
S
800
1000
T
1000
1250
U
1250
1600
V
1600
2000
W
2000
2500
X
2500
3200
Y
3200
4000
Z
4000
5200
a
5200
6800
b
6800
8800
Dominant Wavelength λ
D for Blue @ IF=20mA
Bin
Min.
Max.
Unit
C
455
457.5
nm
D
457.5
460
E
460
462.5
F
462.5
465
Dominant Wavelength λ
D for Green @ IF=20mA
Bin
Min.
Max.
Unit
U
520
522.5
nm
V
522.5
525
W
525
527.5
X
527.5
530
Dominant Wa
velength λ
D for Red @ IF=20mA
Bin
Min.
Max.
Unit
t
620
625
nm
u
625
630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com