Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CAG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX503CAG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CAG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX503CAG Datasheet HTML 4Page - Maxim Integrated Products MAX503CAG Datasheet HTML 5Page - Maxim Integrated Products MAX503CAG Datasheet HTML 6Page - Maxim Integrated Products MAX503CAG Datasheet HTML 7Page - Maxim Integrated Products MAX503CAG Datasheet HTML 8Page - Maxim Integrated Products MAX503CAG Datasheet HTML 9Page - Maxim Integrated Products MAX503CAG Datasheet HTML 10Page - Maxim Integrated Products MAX503CAG Datasheet HTML 11Page - Maxim Integrated Products MAX503CAG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
________________Detailed Description
The MAX503 consists of a parallel-input logic interface, a
10-bit R-2R ladder, a reference, and an op amp. The
Functional Diagram shows the control lines and signal
flow through the input data latch to the DAC latch, as well
as the 2.048V reference and output op amp. Total supply
current is typically 250µA with a single +5V supply. This
circuit is ideal for battery-powered, microprocessor-con-
trolled applications where high accuracy, no adjustments,
and minimum component count are key requirements.
R-2R Ladder
The MAX503 uses an “inverted” R-2R ladder network with
a BiCMOS op amp to convert 10-bit digital data to analog
voltage levels. Figure 1 shows a simplified diagram of the
R-2R DAC and op amp. Unlike a standard DAC, the
MAX503 uses an “inverted” ladder network. Normally, the
REFIN pin is the current output of a standard DAC and
would be connected to the summing junction, or virtual
ground, of an op amp. In this standard DAC configura-
tion, however, the output voltage would be the inverse of
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
8
_______________________________________________________________________________________
2R
2R
2R
2R
2R
RR
R
MSB
OUTPUT
BUFFER
VOUT
RFB
ROFS
MAX503
2R
2R
REFIN
AGND
DAC LATCH
R
= 80kΩ
LSB
NBL
INPUT
LATCH
NBH
INPUT
LATCH
NBM
INPUT
LATCH
D6/S0
D7/S1
D8/D0
D2
D9/D1
D4
D3
D5
2.048V
REFOUT
REFGND
*SHOWN FOR ALL 1s
*
LSB
MSB
CLR
Figure 1. Simplified MAX503 DAC Circuit
the reference voltage. The MAX503’s topology makes the
ladder output voltage the same polarity as the reference
input, making the device suitable for single-supply oper-
ation. The BiCMOS op amp is then used to buffer, invert,
or amplify the ladder signal.
Ladder resistors are nominally 80k
Ω to conserve power
and are laser trimmed for gain and linearity. The input
impedance at REFIN is code dependent. When the DAC
register is all 0s, all rungs of the ladder are grounded
and REFIN is open or no load. Maximum loading (mini-
mum REFIN impedance) occurs at code 010101....
Minimum reference input impedance at this code is guar-
anteed to be not less than 40k
Ω.
The REFIN and REFOUT pins allow the user to choose
between driving the R-2R ladder with the on-chip refer-
ence or an external reference. REFIN may be below ana-
log ground when using dual supplies. See the
External
Reference and Four-Quadrant Multiplication sections for
more information.
Internal Reference
The on-chip reference is laser trimmed to generate
2.048V at REFOUT. The output stage can source and
sink current so REFOUT can settle to the correct volt-
age quickly in response to code-dependent loading
changes. Typically, source current is 5mA and sink
current is 100µA.
REFOUT connects the internal reference to the R-2R
DAC ladder at REFIN. The R-2R ladder draws 50µA
maximum load current. If any other connection is made
to REFOUT, ensure that the total load current is less
than 100µA to avoid gain errors.
A separate REFGND pin is provided to isolate refer-
ence currents from other analog and digital ground
currents. To achieve specified noise performance, con-
nect a 33µF capacitor from REFOUT to REFGND (see
Figure 2). Using smaller capacitance values increases
noise, and values less than 3.3µF may compromise the
reference’s stability. For applications requiring the low-
est noise, insert a buffered RC filter between REFOUT
and REFIN. When using the internal reference,
REFGND must be connected to AGND. In applications
not requiring the internal reference, connect REFGND
to VDD, which shuts down the reference. This saves
typically 100µA of VDD supply current and eliminates
the need for CREFOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com