Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CAG Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX503CAG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CAG Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX503CAG Datasheet HTML 8Page - Maxim Integrated Products MAX503CAG Datasheet HTML 9Page - Maxim Integrated Products MAX503CAG Datasheet HTML 10Page - Maxim Integrated Products MAX503CAG Datasheet HTML 11Page - Maxim Integrated Products MAX503CAG Datasheet HTML 12Page - Maxim Integrated Products MAX503CAG Datasheet HTML 13Page - Maxim Integrated Products MAX503CAG Datasheet HTML 14Page - Maxim Integrated Products MAX503CAG Datasheet HTML 15Page - Maxim Integrated Products MAX503CAG Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
______________________________________________________________________________________
15
33µF
REFIN
REFOUT
AGND
DGND
REFGND
ROFS
RFB
VOUT
VOUT
-5V
+5V
MAX503
Figure 11. Bipolar Configuration (-2.048V to +2.048V Output)
Figure 12. Four-Quadrant Multiplying Circuit
REFGND
AGND
DGND
REFIN
VDD
VSS
ROFS
RFB
VOUT
VOUT
-5V
+5V
REFIN
MAX503
__________Applications Information
Single-Supply Linearity
As with any amplifier, the MAX503’s output op amp off-
set can be positive or negative. When the offset is posi-
tive, it is easily accounted for. However, when the offset
is negative, the output cannot follow linearly when there
is no negative supply. In that case, the amplifier output
(VOUT) remains at ground until the DAC voltage is suffi-
cient to overcome the offset and the output becomes
positive. The resulting transfer function is shown in
Figure 13.
Normally, linearity is measured after allowing for zero
error and gain error. Since, in single-supply operation,
the actual value of a negative offset is unknown, it can-
not be accounted for during test. In the MAX503, linear-
ity and gain error are measured from code 3 to code
1023 (see Note 2 under
Electrical Characteristics). The
output amplifier offset does not affect monotonicity, and
these DACs are guaranteed monotonic starting with
code zero. In dual-supply operation, linearity and gain
error are measured from code 0 to 1023.
Power-Supply Bypassing
and Ground Management
Best system performance is obtained with printed cir-
cuit boards that use separate analog and digital ground
planes. Wire-wrap boards are not recommended. The
two ground planes should be connected together at the
low-impedance power-supply source.
AGND and REFGND should be connected together,
and then to DGND at the chip. For single-supply appli-
cations, connect VSS to AGND at the chip. The best
ground connection may be achieved by connecting
the AGND, REFGND, and DGND pins together and
connecting that point to the system analog ground
plane. If DGND is connected to the system digital
ground, digital noise may get through to the DAC’s ana-
log portion.
Bypass VDD (and VSS in dual-supply mode) with a
0.1µF ceramic capacitor connected between VDD and
AGND (and between VSS and AGND). Mount the
capacitors with short leads close to the device.
AC Considerations
Digital Feedthrough
High-speed data at any of the digital input pins may
couple through the DAC package and cause internal
stray capacitance to appear as noise at the DAC out-
put, even though LDAC and CS are held high (see
Typical Operating Characteristics). This digital
feedthrough is tested by holding LDAC and CS high
and toggling the data inputs from all 1s to all 0s.
Analog Feedthrough
Because of internal stray capacitance, higher-frequen-
cy analog input signals at REFIN may couple to the
output, even when the input digital code is all 0s, as
shown in the
Typical Operating Characteristics graph
Analog Feedthrough vs. Frequency. It is tested by set-
ting CLR to low (which sets the DAC latches to all 0s)
and sweeping REFIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com