Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX503CAG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX503CAG
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503CAG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX503CAG Datasheet HTML 7Page - Maxim Integrated Products MAX503CAG Datasheet HTML 8Page - Maxim Integrated Products MAX503CAG Datasheet HTML 9Page - Maxim Integrated Products MAX503CAG Datasheet HTML 10Page - Maxim Integrated Products MAX503CAG Datasheet HTML 11Page - Maxim Integrated Products MAX503CAG Datasheet HTML 12Page - Maxim Integrated Products MAX503CAG Datasheet HTML 13Page - Maxim Integrated Products MAX503CAG Datasheet HTML 14Page - Maxim Integrated Products MAX503CAG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
______________________________________________________________________________________
11
VIH
VIL
DATA BITS
(8-BIT BYTE
OR 4-BIT NIBBLE)
A0–A1
VIL
VIH
ADDRESS BUS VALID
tAWH
tCWS
tWR
tCWH
tAWS
tDS
tDH
DATA BUS
VALID
NOTE: TIMING MEASUREMENT REFERENCE LEVEL IS
VIH + VIL
2
tCLR
CS
WR
CLR
LDAC
tLDAC
Figure 4. MAX503 Write-Cycle Timing Diagram
A small error voltage is added to the reference output
by the reference current flowing through the N-channel
pull-down transistor. The switch’s on resistance should
be less than 5
Ω. A typical reference current of 100µA
would add 0.5mV to REFOUT. Since the reference cur-
rent and on resistance increase with temperature, the
overall temperature coefficient will degrade slightly.
As data is loaded into the DAC and the output moves
above GND, the op-amp quiescent current increases to
its nominal value and the total operating current aver-
ages 250µA. Using dual supplies (±5V), the op amp is
fully biased continuously, and the VDD supply current is
more constant at 250µA. The VSS current is typically
150µA.
The MAX503 logic inputs are compatible with TTL and
CMOS logic levels. However, to achieve the lowest
power dissipation, drive the digital inputs with rail-to-rail
CMOS logic. With TTL logic levels, the power require-
ment increases by a factor of approximately 2.
Parallel Logic Interface
In order to provide hardware and software compatibility
with the 12-bit MAX530, the MAX503 employs a 12-bit
digital interface. As shown in Figure 3, there is actually
a 12-bit input latch, and therefore 12 bits of data should
be written. The two least significant bits (S1 and S0) are
sub-LSB, and must always be 0s. Designed to interface
with 4-bit, 8-bit, and 16-bit microprocessors (µPs), the
MAX503 uses 8 data pins and double-buffered logic
inputs to load data as 4 + 4 + 4 or 8 + 4. The 12-bit
DAC latch is updated simultaneously through the con-
trol signal LDAC. Signals A0, A1, WR, and CS select
which input latches to update. The 12-bit data is bro-
ken down into nibbles (NB); NBL is the enable signal
for the lowest 4 bits (S0, S1, D0, D1), NBM is the
enable for the middle 4 bits, and NBH is the enable for
the highest and most significant 4 bits. Table 2 lists the
address decoding scheme.
Refer to Figure 4 for the MAX503 write-cycle timing
diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com