Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX500AMLP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX500AMLP
Description  CMOS, Quad, Serial-Interface 8-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX500AMLP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX500AMLP Datasheet HTML 4Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 5Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 6Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 7Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 8Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 9Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 10Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 11Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Using an AC Reference
In applications where VREF has AC signal components,
the MAX500 has multiplying capability within the limits
of the VREF input range specifications. Figure 11 shows
a technique for applying a sine-wave signal to the refer-
ence input, where the AC signal is biased up before
being applied to VREF. Output distortion is typically less
than 0.1% with input frequencies up to 50kHz, and the
typical -3dB frequency is 700kHz. Note that VREF must
never be more negative than AGND.
Generating VSS
The performance of the MAX500 is specified for both
dual and single-supply (VSS = 0V) operation. When the
improved performance of dual-supply operation is
desired, but only a single supply is available, a -5V VSS
supply can be generated using an ICL7660 in one of
the circuits of Figure 12.
Digital Interface Applications
Figures 13 through 16 show examples of interfacing the
MAX500 to most popular microprocessors.
CMOS, Quad, Serial-Interface
8-Bit DAC
______________________________________________________________________________________
11
DAC B
MAX500
4
14
1 VOUTB
DGND
VSS
VREFA/B
VDD
36
-5V (OR GND)
DIGITAL INPUTS NOT SHOWN
AGND
VOUTB
+4V
-4V
AC
REFERENCE
INPUT
+15V
15k
10k
5
ICL7660
CAP+
CAP-
V+
GND
VOUT
ICL7660
CAP+
CAP-
V+
GND
VOUT
6V
ZENER
12V to 15V
10k
2N2222
10k
10
µF
8
3
2
10
µF
4
5
-5V
VSS OUT
10
µF
+5V
LOGIC
SUPPLY
-5V
VSS OUT
10
µF
8
3
4
5
10
µF
2
SCL
SDA
LDAC
LOAD*
80C51
P1.0
P1.1
P1.2
P1.3
CONNECT LOAD TO P1.3 FOR 3-WIRE MODE OR
CONNECT LOAD TO VDD FOR 2-WIRE MODE
. . . . . . .
SRO
VOUTA
VOUTB
VOUTC
VOUTD
VREFA/B
VREFC
VREFD
MAX500
*
ADDRESS BUS
EN ADDRESS
CODE
B/A
DATA BUS
CONNECT LOAD TO P1.3 FOR 3-WIRE MODE OR
CONNECT LOAD TO VDD FOR 2-WIRE MODE
C/D
CE
RD
INT
D7
D0
Z8420
B0
B1
B2
B3
A15
A0
Z80
I/O REQ
WR
INT
D7
D0
A1
A0
SCL
SDA
LDAC
LOAD*
. .
MAX500
*
Figure 11. AC Reference Input Circuit
Figure 12. Generating -5V for VSS
Figure 14. Z-80 with Z8420 PIO Interface
Figure 13. 80C51 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com