Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX500AMLP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX500AMLP
Description  CMOS, Quad, Serial-Interface 8-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX500AMLP Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX500AMLP Datasheet HTML 4Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 5Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 6Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 7Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 8Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 9Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 10Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 11Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
CMOS, Quad, Serial-Interface,
8-Bit DAC
___________________Chip Topography
____Pin Configurations (continued)
CONNECT LOAD TO P1.3 FOR 3-WIRE MODE OR
CONNECT LOAD TO VDD FOR 2-WIRE MODE
*
A15
A8
8085/
8088
WR
ALE
AD7
AD0
EN LATCH
ADDRESS BUS
ADDRESS
DECODE
ADDRESS AND DATA BUS
A0
CS
WR
D7
D0
SCL
SDA
LDAC
LOAD*
82C55
PA0
PA1
PA2
PA3
MAX500
. .
A1
CONNECT LOAD TO P1.3 FOR 3-WIRE MODE OR
CONNECT LOAD TO VDD FOR 2-WIRE MODE
*
A15
A0
6809/
6502
R/W
Θ OR E
∆7
D0
ADDRESS BUS
ADDRESS
DECODE
DATA BUS
C32
R/W
DB7
DB0
6821
6521 PA0
PA1
PA2
PA3 . .
E
SCL
SDA
LDAC
LOAD*
MAX500
Figure 15. 8085/8088 with Programmable Peripheral Interface
Figure 16. 6809/6502 Interface
VREFC
SRO
VREFD
VREFB
AGND
VREFA
Vss VOUTA
VOUTB
VDD
SCL
LOAD
LDAC
DGND
SDA
0.159"
(4.039mm)
0.150"
(3.810mm)
VOUTC
VOUTD
14
15
16
17
18
4
5
6
7
8
MAX500
VSS
VREFA/B
AGND
N.C.
N.C.
VDD
VREFC
VREFD
SRO
N.C.
LCC
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com