Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX500AMLP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX500AMLP
Description  CMOS, Quad, Serial-Interface 8-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX500AMLP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX500AMLP Datasheet HTML 1Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 2Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 3Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 4Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 5Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 6Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 7Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 8Page - Maxim Integrated Products MAX500AMLP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
__________________________________________Typical Operating Characteristics
CMOS, Quad, Serial-Interface
8-Bit DAC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(VDD = +15V ±5%, VSS = AGND = DGND = 0V, VREF = 10V, TA = TMIN to TMAX, unless otherwise noted.)
Outputs unloaded
For specified performance
Guaranteed monotonic
TA = TMIN to TMAX
VDD = 15V ±5%,
VREF = 10V
TA = +25°C
CONDITIONS
mA
12
IDD
Positive Supply Current
10
V
14.25
15.75
VDD
Positive Supply Voltage
µV/°C
±30
Zero-Code Tempco
mV
±30
Zero-Code Error
±20
±20
±15
Bits
8
Resolution
±1/2
LSB
±1
Differential Nonlinearity
LSB
±1
Relative Accuracy
±1
LSB
±2
Total Unadjusted Error
±1/2
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 2: Guaranteed by design. Not production tested.
Note 3: TA = +25°C, VREF = 10kHz, 10V peak-to-peak sine wave.
Note 4:
LOAD has a weak internal pull-up resistor to VDD.
Note 5: DAC switched from all 1s to all 0s, and all 0s to all 1s code.
Note 6: Sample tested at +25°C to ensure compliance.
Note 7: Slow rise and fall times are allowed on the digital inputs to facilitate the use of opto-couplers. Only timing for SCL is given
because the other digital inputs should be stable when SCL transitions.
MAX500A
MAX500A
TA = +25°C
MAX500A
MAX500B
MAX500A
VREF = 10V
ppm/°C
±5
Full-Scale Tempco
LSB
±1
Full-Scale Error
MAX500A
MAX500B
MAX500B
MAX500B
MAX500B
TA = TMIN to TMAX
STATIC PERFORMANCE
REFERENCE INPUT—All specifications are the same as for dual supplies.
DIGITAL INPUTS—All specifications are the same as for dual supplies.
DYNAMIC PERFORMANCE—All specifications are the same as for dual supplies.
POWER SUPPLIES
SWITCHING CHARACTERISTICS—All specifications are the same as for dual supplies.
1.0
2
0
0.5
-0.5
4
0
6
8
10
12
14
VREF (V)
-1.0
RELATIVE ACCURACY vs. REFERENCE VOLTAGE
TA = +25°C, VSS = -5V
VDD = 15V
VDD = 12V
1.0
2
0
0.5
-0.5
4
0
6
8
10
12
14
VREF (V)
-1.0
DIFFERENTIAL NONLINEARITY vs. REFERENCE VOLTAGE
VDD = 15V
TA = +25°C, VSS = -5V
VDD = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com