Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530-01 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8530-01
Description  Maximum output frequency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8530-01 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8530-01 Datasheet HTML 9Page - Integrated Device Technology ICS8530-01 Datasheet HTML 10Page - Integrated Device Technology ICS8530-01 Datasheet HTML 11Page - Integrated Device Technology ICS8530-01 Datasheet HTML 12Page - Integrated Device Technology ICS8530-01 Datasheet HTML 13Page - Integrated Device Technology ICS8530-01 Datasheet HTML 14Page - Integrated Device Technology ICS8530-01 Datasheet HTML 15Page - Integrated Device Technology ICS8530-01 Datasheet HTML 16Page - Integrated Device Technology ICS8530-01 Datasheet HTML 17Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
16
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
5-6
7
Updated figures.
Added Termination for LVPECL Outputs section.
05/28/02
B
2
5
Pin Description table - VCC description changed to "Core supply pin" from "Positive supply
pin".
Output Load Test Circuit diagram - corrected VEE equation to read,
VEE = -1.3V ± 0.165V from VEE = -1.3V ± 0.135V.
10/02/02
C
T2
T4A
2
3
3
6
7
8
Pin Characteristics table - changed CIN 4pF max. to 4pF typical.
Updated AMR Output rating.
Power Supply table - changed IEE max. from 120mA to 140mA.
Updated Single Ended Signal Driving Differential Input diagram.
Added Differential Clock Input Interface section.
Power Considerations, changed IEE to 140mA to reflect the Power Supply table and
recalculated the equations.
Update format throughout the data sheet.
4/7/04
C
T9
12
Added "Lead-Free" marking to Ordering Information Table.
6/29/04
D
T5
1
4
5
Features section - added Additive Phase Jitter bullet.
AC Characteristics table - added tjit row.
Added Additive Phase Jitter section.
2/28/05
E
T4C
T9
3
7
14
LVPECL DC Characteristics - changed VSWING (max) limit from 850mV to 1.0V.
Corrected VOH (max) limit from VCCO - 1.0V to VCCO - 0.9V.
Added Recommendations for Unused Output Pins.
Ordering Information Table - added lead-free note.
5/19/06
F
1
2
T4A
T4B
T5
T9
2
2
3
3
4
4
8
9
10
11
13
15
Pin Description Table - change VCC description from “Core” to “Power”.
Pin Characteristics Table - change CIN from 4pF typical to 3pF typical.
Absolute Maximum Rating - updated Thermal Impedance.
Power Supply DC Characteristics Table - change IEE from 140mA max to 146mA max.
Differential DC Characteristics Table - updated notes.
AC Characteristics Table - changed part-to-part skew spec and Output Rise/Fall Time
spec.
Updated Wiring the Differential Input to Accept Single-ended Levels.
Updated Differential Clock Input Interface.
Updated Figures 3A and 3B.
Updated Power Considerations to reflect power supply table, and updated Thermal
Resistance Table.
Updated Thermal Table and Transistor Count.
Ordering Information Table - deleted “ICS” prefix in Part/Order column. Changed revision
from “D” to “F”.
Converted datasheet format.
11/18/10
G
T5
4
AC Characteristics Table - corrected typical part-to-part skew spec from 150 to 148ps.
11/30/10
G
T9
15
Removed leaded orderable parts from Ordering Information table
11/15/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com