Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530-01 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8530-01
Description  Maximum output frequency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8530-01 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8530-01 Datasheet HTML 1Page - Integrated Device Technology ICS8530-01 Datasheet HTML 2Page - Integrated Device Technology ICS8530-01 Datasheet HTML 3Page - Integrated Device Technology ICS8530-01 Datasheet HTML 4Page - Integrated Device Technology ICS8530-01 Datasheet HTML 5Page - Integrated Device Technology ICS8530-01 Datasheet HTML 6Page - Integrated Device Technology ICS8530-01 Datasheet HTML 7Page - Integrated Device Technology ICS8530-01 Datasheet HTML 8Page - Integrated Device Technology ICS8530-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
3
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Function Table
Table 3. Clock Input Function Table
NOTE 1: Refer to the Application Information section, Wiring the Differential Input to Accept single-ended Levels.
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Inputs
Outputs
Input to Output Mode
Polarity
CLK
nCLK
Q[0:15]
nQ[0:15]
0
1
LOW
HIGH
Differential to Differential
Non-Inverting
1
0
HIGH
LOW
Differential to Differential
Non-Inverting
0
Biased; NOTE 1
LOW
HIGH
Single-Ended to Differential
Non-Inverting
1
Biased; NOTE 1
HIGH
LOW
Single-Ended to Differential
Non-Inverting
Biased; NOTE 1
0
HIGH
LOW
Single-Ended to Differential
Inverting
Biased; NOTE 1
1
LOW
HIGH
Single-Ended to Differential
Inverting
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
53.9°C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
3.135
3.3
3.465
V
VCCO
Output Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
146
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com