Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8530-01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8530-01
Description  Maximum output frequency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8530-01 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8530-01 Datasheet HTML 2Page - Integrated Device Technology ICS8530-01 Datasheet HTML 3Page - Integrated Device Technology ICS8530-01 Datasheet HTML 4Page - Integrated Device Technology ICS8530-01 Datasheet HTML 5Page - Integrated Device Technology ICS8530-01 Datasheet HTML 6Page - Integrated Device Technology ICS8530-01 Datasheet HTML 7Page - Integrated Device Technology ICS8530-01 Datasheet HTML 8Page - Integrated Device Technology ICS8530-01 Datasheet HTML 9Page - Integrated Device Technology ICS8530-01 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ICS8530FY-01 REVISION G NOVEMBER 15, 2012
6
©2012 Integrated Device Technology, Inc.
ICS8530-01 Data Sheet
LOW SKEW, 1-TO-16, DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Output Skew
Output Duty Cycle/Pulse Width/Period
Differential Input Level
Part-to-Part Skew
Propagation Delay
SCOPE
Qx
nQx
V
EE
-1.3V±0.165V
VCC,
VCCO
2V
nQx
Qx
nQy
Qy
tsk(o)
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q[0:15]
nQ[0:15]
nCLK
CLK
VCC
VEE
V
CMR
Cross Points
V
PP
tsk(pp)
Par t 1
Par t 2
nQx
Qy
Qx
nQy
t
PD
Q[0:15]
nQ[0:15]
CLK
nCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com