Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1721 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 17Page - Seiko Instruments Inc S1721 Datasheet HTML 18Page - Seiko Instruments Inc S1721 Datasheet HTML 19Page - Seiko Instruments Inc S1721 Datasheet HTML 20Page - Seiko Instruments Inc S1721 Datasheet HTML 21Page - Seiko Instruments Inc S1721 Datasheet HTML 22Page - Seiko Instruments Inc S1721 Datasheet HTML 23Page - Seiko Instruments Inc S1721 Datasheet HTML 24Page - Seiko Instruments Inc S1721 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
21
Operation
1. Basic operation
Figure 23 shows the block diagram of S-1721 Series.
The error amplifier compares the reference voltage (Vref) with Vfb, which is the output voltage resistance-divided by
feedback resistors Rs and Rf. It supplies the gate voltage necessary to maintain the constant output voltage which is
not influenced by the input voltage and temperature change, to the output transistor.
*1
*1.
Parasitic diode
VSS
Current
supply
−
+
Vfb
Vref
VIN
VOUT
Rf
Rs
Error
amplifier
Reference voltage
circuit
Figure
23
2. Output transistor
In the S-1721 Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN + 0.3 V to prevent the voltage regulator from being damaged due to inverse
current flowing from the VOUT pin through a parasitic diode to the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com