Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1721 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 2Page - Seiko Instruments Inc S1721 Datasheet HTML 3Page - Seiko Instruments Inc S1721 Datasheet HTML 4Page - Seiko Instruments Inc S1721 Datasheet HTML 5Page - Seiko Instruments Inc S1721 Datasheet HTML 6Page - Seiko Instruments Inc S1721 Datasheet HTML 7Page - Seiko Instruments Inc S1721 Datasheet HTML 8Page - Seiko Instruments Inc S1721 Datasheet HTML 9Page - Seiko Instruments Inc S1721 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1721 Series
Rev.2.0_00
Seiko Instruments Inc.
6
Product Name Structure
Users can select the product type, output voltage, and package type for the S-1721 Series. Refer to “1.
Product
name” regarding the contents of product name, “2.
Function list of product type” regarding the product type, “3.
Package” regarding the package drawings and “4.
Product name list” regarding details of product name.
1.
Product name
1. 1
SNT-6A
S-1721
x
xx
xx
-
I6T1
x
Environmental code
U : Lead-free (Sn 100%), halogen-free
G : Lead-free (for details, please contact our sales office)
Package abbreviation and IC packing specifications
*1
I6T1: SNT-6A, tape product
Output voltage of voltage regulator 2
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is expressed as 15.)
Output voltage of voltage regulator 1
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is expressed as 15.)
Product type
*2
A to H
*1. Refer to the tape specifications.
*2. Refer to “2.
Function list of product type”.
*3. If you request the product which has 0.05 V step, contact our sales office.
1. 2
SOT-23-6
S-1721
x
xx
xx
-
M6T1
x
Environmental code
U : Lead-free (Sn 100%), halogen-free
G : Lead-free (for details, please contact our sales office)
Package abbreviation and IC packing specifications
*1
M6T1: SOT-23-6, tape product
Output voltage of voltage regulator 2
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is expressed as 15.)
Output voltage of voltage regulator 1
*3
12 to 50
(e.g., when the output voltage is 1.5 V, it is expressed as 15.)
Product type
*2
A to H
*1. Refer to the tape specifications.
*2. Refer to “2.
Function list of product type”.
*3. If you request the product which has 0.05 V step, contact our sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com