Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1721 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1721
Description  SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1721 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1721 Datasheet HTML 9Page - Seiko Instruments Inc S1721 Datasheet HTML 10Page - Seiko Instruments Inc S1721 Datasheet HTML 11Page - Seiko Instruments Inc S1721 Datasheet HTML 12Page - Seiko Instruments Inc S1721 Datasheet HTML 13Page - Seiko Instruments Inc S1721 Datasheet HTML 14Page - Seiko Instruments Inc S1721 Datasheet HTML 15Page - Seiko Instruments Inc S1721 Datasheet HTML 16Page - Seiko Instruments Inc S1721 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.2.0_00
S-1721 Series
Seiko Instruments Inc.
13
Absolute Maximum Ratings
Table
9
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VIN
VSS − 0.3 to VSS + 7.0
V
Input voltage
VON/OFF1, 2
VSS − 0.3 to VIN + 0.3
V
Output voltage
VOUT1, 2
VSS − 0.3 to VIN + 0.3
V
SNT-6A
400*
1
mW
Power dissipation
SOT-23-6
PD
650*
1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
400
200
0
700
300
100
SNT-6A
SOT-23-6
500
600
Ambient Temperature (Ta) [
°C]
Figure 11
Power Dissipation of Package (when mounted on board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com