Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC34463G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC34463G-S08-R
Description  200KHZ, 2A PWM BUCK SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34463G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC34463G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC34463G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC34463G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC34463G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC34463G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC34463G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC34463
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R103-055.C
200KHZ, 2A PWM BUCK
SWITCHING REGULATOR
DESCRIPTION
UTC UC34463 is a PWM control, step down DC to DC power
supply, fixed out 5V, with CC/CV mode and output line voltage
loss compensation function. External EN port can control
shutdown of the IC.
IC internal integration of various protection function, such as
SCP, OTP, OCP and so on. The highest working voltage is up to
40V.
The
built-in
compensation
simplifies
the
peripheral
applications.
The packages are available in a standard 8-lead SOP8.
FEATURES
* Voltage mode non-synchronous PWM control
* Thermal-shutdown and current-limit protection
* ON/OFF shutdown control input
* Input voltage range up to 40V
* Output load current: 2A
* 200 kHz fixed frequency internal oscillator
* Low power standby mode
* Built-in switching transistor on chip
ORDERING INFORMATION
Ordering Number
Package
Packing
UC34463G-S08-R
SOP-8
Tape Reel
UC34463G-SH2-R
HSOP-8
Tape Reel
MARKING


Similar Part No. - UC34463G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34463G-S08-R UTC-UC34463G-S08-R Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
More results

Similar Description - UC34463G-S08-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
2A Standard Buck PWM Regulator
December 10, 2007
logo
Anachip Corp
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
150KHz, 2A PWM Buck Switching Regulator
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
2A / 150KHz Buck Switching Regulator
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
2A / 52KHz Buck Switching Regulator
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
2A Standard Buck PWM Regulator
logo
Feeling Technology Corp...
FP6101 FEELING-FP6101 Datasheet
428Kb / 12P
20V, 2A Buck Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM3124 HMSEMI-HM3124 Datasheet
847Kb / 6P
2A, 80V, 200KHz Switch Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com