Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX550AC/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX550AC/D
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX550AC/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX550AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
_______________________________________________________________________________________
9
Table 2. MAX548A Serial-Interface Programming Commands
COMMAND
(Commands executed on CS’s rising edge)
LDAC
COMMANDS LOADING INPUT REGISTER(S) ONLY
X
Unassigned operation
X
XXXXXXXX
0
0
X
X
X
1
X
X
Unassigned command
X
XXXXXXXX
0
0
X
0
X
0
X
CONTROL BYTE
Loaded First
Loaded Last
UB1
Pin 6
D7........D0
A0
A1
C0
C1
UB3
C2
UB2
X
Load DAC B input register and update both DAC
registers. DAC A input register unchanged.
0
8-Bit DAC Data
X
Load DAC A input register and update both DAC
registers. DAC B input register unchanged.
0
8-Bit DAC Data
0
1
1
1
X
0
X
1
0
1
1
X
0
X
Update both DAC registers with current contents
of their input registers. Both input registers
unchanged.
0
0
0
1
1
X
0
X
X
X
Load both DAC input registers and update both
DAC registers.
X
8-Bit DAC Data
1
1
0
1
X
0
X
X
Load DAC B input register and update both DAC
registers. DAC A input register unchanged.
X
8-Bit DAC Data
0
1
0
1
X
0
X
X
Load both DAC input registers. Both DAC regis-
ters unchanged.
X
8-Bit DAC Data
1
1
X
0
X
0
X
X
Load DAC B input register. DAC A input register
and both DAC registers unchanged.
X
8-Bit DAC Data
0
1
X
0
X
0
X
X
Load DAC A input register and update both DAC
registers. DAC B input register unchanged.
X
8-Bit DAC Data
1
0
0
1
X
0
X
X
Load DAC A input register. DAC B input register
and both DAC registers unchanged.
Update both DAC registers with current contents
of their input registers. Both input registers
unchanged.
X
X
8-Bit DAC Data
XXXXXXXX
1
0
0
0
X
0
0
1
X
0
X
0
X
X
X
UNASSIGNED COMMANDS
DATA BYTE
XXXXXXXX
COMMANDS UPDATING DAC REGISTER(S)
X
Load both DAC input registers and update both
DAC registers.
0
8-Bit DAC Data
1
1
1
1
X
0
X
COMMANDS UTILIZING THE ASYNCHRONOUS LOAD FUNCTION
X
After CS’s rising edge and on LDAC’s falling
edge, update both DAC registers with current
contents of their input registers. Both input regis-
ters unchanged.
1
XXXXXXXX
0
0
1
1
X
0
X
X
Load DAC A input register. After CS’s rising edge
and on LDAC’s falling edge, update both DAC
registers.
1
8-Bit DAC Data
1
0
1
1
X
0
X
X
Load DAC B input register. After CS’s rising edge
and on LDAC’s falling edge, update both DAC
registers.
1
8-Bit DAC Data
0
1
1
1
X
0
X
X
Load both DAC input registers. After CS’s rising
edge and on LDAC’s falling edge, update both
DAC registers.
1
8-Bit DAC Data
1
1
1
1
X
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com