Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX550AC/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX550AC/D
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX550AC/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX550AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 9Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 10Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 11Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 12Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 13Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 14Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
______________________________________________________________________________________
11
Table 3. MAX549A Serial-Interface Programming Commands
DATA BYTE
UNASSIGNED COMMAND
X
X
X
X
X
0
X
1
0
X
X
0
0
0
1
X
0
X
0
X
1
0
XXXXXXXX
8-Bit DAC Data
Loaded First
Update both DAC registers with current contents of their
input registers. Both input registers unchanged.
Load DAC A input register. DAC registers unchanged.
X
X
0
X
1
X
0
1
X
0
X
1
X
1
0
8-Bit DAC Data
Load DAC A input register and update both DAC
registers. DAC B input register unchanged.
X
1
X
0
X
X
0
1
X
1
X
0
X
1
0
8-Bit DAC Data
Load DAC A input register and power down DAC A.
DAC B input register and both DAC registers unchanged.
X
8-Bit DAC Data
Load DAC B input register and power down DAC B.
DAC A input register and both DAC registers unchanged.
X
Loaded Last
X
1
X
0
X
1
1
8-Bit DAC Data
Load both DAC input registers and power down both
DACs. Both DAC registers unchanged.
X
8-Bit DAC Data
Load DAC B input register. DAC registers unchanged.
X
X
0
X
0
X
1
1
8-Bit DAC Data
Load both DAC input registers. DAC registers
unchanged.
X
8-Bit DAC Data
Load DAC B input register and update both DAC
registers. DAC A input register unchanged.
X
X
0
X
1
X
1
1
8-Bit DAC Data
Load both DAC input registers and update both DAC
registers.
X
COMMAND
(Commands executed on CS’s rising edge)
CONTROL BYTE
UB2
C2
UB3
C1
C0
A1
A0
D7........D0
UB1
X
X
X
0
X
0
0
XXXXXXXX
Unassigned command
X
COMMANDS LOADING INPUT REGISTER(S) ONLY
COMMANDS UPDATING DAC REGISTER(S)
COMMANDS POWERING DOWN AND LOADING INPUT REGISTER(S) ONLY
X = Don’t care
COMMANDS POWERING DOWN AND UPDATING DAC REGISTER(S)
X
1
X
1
X
0
1
8-Bit DAC Data
Load DAC A input register, power down DAC A, and
update both DAC registers. DAC B input register
unchanged.
X
X
1
X
1
X
1
0
8-Bit DAC Data
Load DAC B input register, power down DAC B, and
update both DAC registers. DAC A input register
unchanged.
X
X
1
X
1
X
1
1
8-Bit DAC Data
Load both DAC input registers, power down both DACs,
and update both DAC registers.
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com