Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX550AC/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX550AC/D
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX550AC/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX550AC/D Datasheet HTML 1Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 2Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 3Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 4Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 5Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 6Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 7Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 8Page - Maxim Integrated Products MAX550AC/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
_______________________________________________________________________________________
5
OUTPUT GLITCH FILTERING
OUT, 50mV/div, CL = 0pF
OUT, 50mV/div, CL = 100pF
OUT, 50mV/div, CL = 220pF
5
µs/div
OUT, 50mV/div, CL = 1000pF
CS, 5V/div
CODE = 00 hex
_____________________________Typical Operating Characteristics (continued)
(VDD = VREF = 2.5V, RL = 1MΩ, CL = 15pF, TA = +25°C, unless otherwise noted.)
SETTLING TIME (RISING)
OUT, 1V/div
2
µs/div
CS, 5V/div
DAC CODE 00 hex to FF hex
______________________________________________________________Pin Description
Ground
1
1
1
GND
DAC A Output Voltage
2
2
—
OUTA
Chip-Select Input. A logic low on CS enables serial data to be
clocked into the input shift register. Programming commands are
executed at CS’s rising edge.
3
3
3
CS
DAC Output Voltage
—
—
2
OUT
Serial-Clock Input. Data is clocked in on SCLK’s rising edge.
5
5
5
SCLK
DAC B Output Voltage
6
7
—
OUTB
Load DAC Input. After CS goes high and if programmed by the
control word, a falling edge on LDAC updates the DAC latch(es).
Connect LDAC to VDD if unused.
—
6
6
LDAC
Serial-Data Input. Data is clocked into the 16-bit input shift register on
SCLK’s rising edge.
4
4
4
DIN
Positive Power Supply (+2.5V to +5.5V)
8
8
8
VDD
External Reference Voltage Input for DAC(s)
7
—
7
REF
MAX548A
MAX549A
MAX550A
NAME
FUNCTION
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com