Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1004 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 28Page - Seiko Instruments Inc S1004 Datasheet HTML 29Page - Seiko Instruments Inc S1004 Datasheet HTML 30Page - Seiko Instruments Inc S1004 Datasheet HTML 31Page - Seiko Instruments Inc S1004 Datasheet HTML 32Page - Seiko Instruments Inc S1004 Datasheet HTML 33Page - Seiko Instruments Inc S1004 Datasheet HTML 34Page - Seiko Instruments Inc S1004 Datasheet HTML 35Page - Seiko Instruments Inc S1004 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-1004 Series
Rev.2.1_00
Seiko Instruments Inc.
32
17. Release delay time (tRESET) vs. Power supply voltage (VDD)
S-1004Cx10
Ta =
+25°C,
CD = 4.7 nF
8.0
6.0
10.0
2.0
4.0
11
15
VDD [V]
14
13
12
16
0.0
1
s
tRESET
VIH*1
SENSE pin voltage
Output voltage
VIL*2
VDD
VSS
VDD
 90%
*1.
VIH = 10 V
*2.
VIL = 0.95 V
Figure 36 Test Condition of Release Delay Time
VDD
VDD
VSS
OUT
R
100 k
Ω
SENSE
P.G.
Oscilloscope
CD
CD
VDD
VDD
VSS
OUT
SENSE
P.G.
Oscilloscope
CD
CD
Figure 37 Test Circuit of Release Delay Time
Figure 38 Test Circuit of Release Delay Time
(Nch open-drain output product)
(CMOS output product)
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com