Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1004 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 29Page - Seiko Instruments Inc S1004 Datasheet HTML 30Page - Seiko Instruments Inc S1004 Datasheet HTML 31Page - Seiko Instruments Inc S1004 Datasheet HTML 32Page - Seiko Instruments Inc S1004 Datasheet HTML 33Page - Seiko Instruments Inc S1004 Datasheet HTML 34Page - Seiko Instruments Inc S1004 Datasheet HTML 35Page - Seiko Instruments Inc S1004 Datasheet HTML 36Page - Seiko Instruments Inc S1004 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_00
S-1004 Series
Seiko Instruments Inc.
33
Application Circuit Examples
1. Microcomputer reset circuits
In microcomputers, when the power supply voltage is lower than the minimum operation voltage, an unspecified
operation may be performed or the contents of the memory register may be lost. When power supply voltage
returns to the normal level, the microcomputer needs to be initialized. Otherwise, the microcomputer may
malfunction after that. Reset circuits to protect microcomputer in the event of current being momentarily switched
off or lowered.
Using the S-1004 Series which has the low minimum operation voltage, the high-accuracy detection voltage and
the hysteresis width, reset circuits can be easily constructed as seen in Figure 39 and Figure 40.
GND
VDD
VDD1
Microcomputer
VDD
VSS
SENSE
OUT
CD
GND
VDD
VDD1
Microcomputer
VDD
VSS
SENSE
OUT
CD
Figure 39 Example of Reset Circuit
Figure 40 Example of Reset Circuit
(Nch open-drain output product)
(CMOS output product)
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com