Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1004 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S1004 Datasheet HTML 2Page - Seiko Instruments Inc S1004 Datasheet HTML 3Page - Seiko Instruments Inc S1004 Datasheet HTML 4Page - Seiko Instruments Inc S1004 Datasheet HTML 5Page - Seiko Instruments Inc S1004 Datasheet HTML 6Page - Seiko Instruments Inc S1004 Datasheet HTML 7Page - Seiko Instruments Inc S1004 Datasheet HTML 8Page - Seiko Instruments Inc S1004 Datasheet HTML 9Page - Seiko Instruments Inc S1004 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-1004 Series
Rev.2.1_00
Seiko Instruments Inc.
6
4. 3 S-1004 Series CA type
Output form: CMOS output (Active "L")
Table 5
Detection Voltage
SOT-23-5
SNT-6A
1.0 V
± 22 mV
S-1004CA10I-M5T1U
S-1004CA10I-I6T1U
1.1 V
± 22 mV
S-1004CA11I-M5T1U
S-1004CA11I-I6T1U
1.2 V
± 22 mV
S-1004CA12I-M5T1U
S-1004CA12I-I6T1U
1.3 V
± 22 mV
S-1004CA13I-M5T1U
S-1004CA13I-I6T1U
1.4 V
± 22 mV
S-1004CA14I-M5T1U
S-1004CA14I-I6T1U
1.5 V
± 22 mV
S-1004CA15I-M5T1U
S-1004CA15I-I6T1U
1.6 V
± 22 mV
S-1004CA16I-M5T1U
S-1004CA16I-I6T1U
1.7 V
± 22 mV
S-1004CA17I-M5T1U
S-1004CA17I-I6T1U
1.8 V
± 22 mV
S-1004CA18I-M5T1U
S-1004CA18I-I6T1U
1.9 V
± 22 mV
S-1004CA19I-M5T1U
S-1004CA19I-I6T1U
2.0 V
± 22 mV
S-1004CA20I-M5T1U
S-1004CA20I-I6T1U
2.1 V
± 22 mV
S-1004CA21I-M5T1U
S-1004CA21I-I6T1U
2.2 V
± 1.0%
S-1004CA22I-M5T1U
S-1004CA22I-I6T1U
2.3 V
± 1.0%
S-1004CA23I-M5T1U
S-1004CA23I-I6T1U
2.4 V
± 1.0%
S-1004CA24I-M5T1U
S-1004CA24I-I6T1U
2.5 V
± 1.0%
S-1004CA25I-M5T1U
S-1004CA25I-I6T1U
2.6 V
± 1.0%
S-1004CA26I-M5T1U
S-1004CA26I-I6T1U
2.7 V
± 1.0%
S-1004CA27I-M5T1U
S-1004CA27I-I6T1U
2.8 V
± 1.0%
S-1004CA28I-M5T1U
S-1004CA28I-I6T1U
2.9 V
± 1.0%
S-1004CA29I-M5T1U
S-1004CA29I-I6T1U
3.0 V
± 1.0%
S-1004CA30I-M5T1U
S-1004CA30I-I6T1U
3.1 V
± 1.0%
S-1004CA31I-M5T1U
S-1004CA31I-I6T1U
3.2 V
± 1.0%
S-1004CA32I-M5T1U
S-1004CA32I-I6T1U
3.3 V
± 1.0%
S-1004CA33I-M5T1U
S-1004CA33I-I6T1U
3.4 V
± 1.0%
S-1004CA34I-M5T1U
S-1004CA34I-I6T1U
3.5 V
± 1.0%
S-1004CA35I-M5T1U
S-1004CA35I-I6T1U
3.6 V
± 1.0%
S-1004CA36I-M5T1U
S-1004CA36I-I6T1U
3.7 V
± 1.0%
S-1004CA37I-M5T1U
S-1004CA37I-I6T1U
3.8 V
± 1.0%
S-1004CA38I-M5T1U
S-1004CA38I-I6T1U
3.9 V
± 1.0%
S-1004CA39I-M5T1U
S-1004CA39I-I6T1U
4.0 V
± 1.0%
S-1004CA40I-M5T1U
S-1004CA40I-I6T1U
4.1 V
± 1.0%
S-1004CA41I-M5T1U
S-1004CA41I-I6T1U
4.2 V
± 1.0%
S-1004CA42I-M5T1U
S-1004CA42I-I6T1U
4.3 V
± 1.0%
S-1004CA43I-M5T1U
S-1004CA43I-I6T1U
4.4 V
± 1.0%
S-1004CA44I-M5T1U
S-1004CA44I-I6T1U
4.5 V
± 1.0%
S-1004CA45I-M5T1U
S-1004CA45I-I6T1U
4.6 V
± 1.0%
S-1004CA46I-M5T1U
S-1004CA46I-I6T1U
4.7 V
± 1.0%
S-1004CA47I-M5T1U
S-1004CA47I-I6T1U
4.8 V
± 1.0%
S-1004CA48I-M5T1U
S-1004CA48I-I6T1U
4.9 V
± 1.0%
S-1004CA49I-M5T1U
S-1004CA49I-I6T1U
5.0 V
± 1.0%
S-1004CA50I-M5T1U
S-1004CA50I-I6T1U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com