Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1011 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 17Page - Seiko Instruments Inc S1011 Datasheet HTML 18Page - Seiko Instruments Inc S1011 Datasheet HTML 19Page - Seiko Instruments Inc S1011 Datasheet HTML 20Page - Seiko Instruments Inc S1011 Datasheet HTML 21Page - Seiko Instruments Inc S1011 Datasheet HTML 22Page - Seiko Instruments Inc S1011 Datasheet HTML 23Page - Seiko Instruments Inc S1011 Datasheet HTML 24Page - Seiko Instruments Inc S1011 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_00
S-1011 Series
Seiko Instruments Inc.
21
2. SENSE pin
2. 1 Error when detection voltage is set externally
The detection voltage for the S-1011 Series is 10.0 V max., however, in the SENSE detection product with
−VDET =
10.0 V, the detection voltage can be set externally by connecting a node that was resistance-divided by the resistor
(RA) and the resistor (RB) to the SENSE pin as shown in Figure 31.
For conventional products without the SENSE pin, external resistor cannot be too large since the resistance-divided
node must be connected to the VDD pin. This is because a feed-through current will flow through the VDD pin
when it goes from detection to release, and if external resistor is large, problems such as oscillation or larger error
in the hysteresis width may occur.
In the S-1011 Series, RA and RB in Figure 31 are easily made larger since the resistance-divided node can be
connected to the SENSE pin through which no feed-through current flows. However, be careful of error in the
current flowing through the internal resistance (RSENSE) that will occur.
Although RSENSE in the S-1011 Series is large (the S-1011 Series E / G type: 26 M
Ω min., the S-1011 Series N / Q
type: 6.8 M
Ω min.) to make the error small, RA and RB should be selected such that the error is within the allowable
limits.
2. 2 Selection of RA and RB
In Figure 31, the relation between the external setting detection voltage (VDX) and the actual detection voltage
(
−VDET) is ideally calculated by the equation below.
VDX =
−VDET ×
()
1
+
RA
RB
··· (1)
However, in reality there is an error in the current flowing through RSENSE.
When considering this error, the relation between VDX and
−VDET is calculated as follows.
VDX =
−VDET ×
()
1
+
RA
RB || RSENSE
=
−VDET ×
1
+
RA
RB
× RSENSE
RB
+ RSENSE
=
−VDET ×
()
1
+
RA
RB
+
RA
RSENSE × −VDET
··· (2)
By using equations (1) and (2), the error is calculated as
−VDET ×
RA
RSENSE .
The error rate is calculated as follows by dividing the error by the right-hand side of equation (1).
RA
× RB
RSENSE
× (RA + RB) ×
100 [%] =
RA || RB
RSENSE × 100 [%]
··· (3)
As seen in equation (3), the smaller the resistance values of RA and RB compared to RSENSE, the smaller the error
rate becomes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com