Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1011 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 29Page - Seiko Instruments Inc S1011 Datasheet HTML 30Page - Seiko Instruments Inc S1011 Datasheet HTML 31Page - Seiko Instruments Inc S1011 Datasheet HTML 32Page - Seiko Instruments Inc S1011 Datasheet HTML 33Page - Seiko Instruments Inc S1011 Datasheet HTML 34Page - Seiko Instruments Inc S1011 Datasheet HTML 35Page - Seiko Instruments Inc S1011 Datasheet HTML 36Page - Seiko Instruments Inc S1011 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_00
S-1011 Series
Seiko Instruments Inc.
33
10. Dynamic response vs. Output pin capacitance (COUT) (CP pin, CN pin; open)
10. 1 VDD detection product
S-1011A50
Ta =
−40°C
0.00001
0.001
Output pin capacitance [
F]
10
1
0.1
0.01
0.1
0.0001
0.01
0.001
tPHL
tPLH
S-1011A50
Ta =
+25°C
0.00001
0.001
Output pin capacitance [
F]
10
1
0.1
0.01
0.1
0.0001
0.01
0.001
tPHL
tPLH
S-1011A50
Ta =
+85°C
0.00001
0.001
Output pin capacitance [
F]
10
1
0.1
0.01
0.1
0.0001
0.01
0.001
tPHL
tPLH
tPLH
1
s1 s
VIH*1
Input voltage
Output voltage
VIL*2
VDD1
VDD1
 50%
VDD1
 50%
tPHL
VDD
VSS
OUT
CP
CN
VDD
R
100 k
Ω
V
+
V
+
VDD1
*1.
VIH = 36.0 V
*2.
VIL = 3.0 V
Figure 43 Test Condition of Response Time
Figure 44 Test Circuit of Response Time
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com