Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1011 Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 39 Page - Seiko Instruments Inc

Back Button S1011 Datasheet HTML 35Page - Seiko Instruments Inc S1011 Datasheet HTML 36Page - Seiko Instruments Inc S1011 Datasheet HTML 37Page - Seiko Instruments Inc S1011 Datasheet HTML 38Page - Seiko Instruments Inc S1011 Datasheet HTML 39Page - Seiko Instruments Inc S1011 Datasheet HTML 40Page - Seiko Instruments Inc S1011 Datasheet HTML 41Page - Seiko Instruments Inc S1011 Datasheet HTML 42Page - Seiko Instruments Inc S1011 Datasheet HTML 43Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_00
S-1011 Series
Seiko Instruments Inc.
39
Thermal Characteristics
1. SOT-23-6
0
1.0
0.8
0.6
0.4
0.2
0
100
50
150
Ambient temperature (Ta) [
C]
Tj =
125C max.
Board 2
0.81 W
Board 1
0.63 W
Figure 55 Power Dissipation of Package (When Mounted on Board)
1. 1 Board 1
*1
76.2 mm
Figure 56
Table 21
Item
Specification
Thermal resistance value
(
θja)
159
°C/W
Size
114.3 mm
× 76.2 mm × t1.6 mm
Material
FR-4
Number of copper foil layer
2
Copper foil layer
1
Land pattern and wiring for testing: t0.070 mm
2
−
3
−
4
74.2 mm
× 74.2 mm × t0.070 mm
Thermal via
−
1. 2 Board 2
*1
76.2 mm
Figure 57
Table 22
Item
Specification
Thermal resistance value
(
θja)
124
°C/W
Size
114.3 mm
× 76.2 mm × t1.6 mm
Material
FR-4
Number of copper foil layer
4
Copper foil layer
1
Land pattern and wiring for testing: t0.070 mm
2
74.2 mm
× 74.2 mm × t0.035 mm
3
74.2 mm
× 74.2 mm × t0.035 mm
4
74.2 mm
× 74.2 mm × t0.070 mm
Thermal via
−
*1.
The board is same in SOT-23-3, SOT-23-5 and SOT-23-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com