Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 2 Page - Texas Instruments

  ISO7340C_15 Datasheet HTML 1Page - Texas Instruments ISO7340C_15 Datasheet HTML 2Page - Texas Instruments ISO7340C_15 Datasheet HTML 3Page - Texas Instruments ISO7340C_15 Datasheet HTML 4Page - Texas Instruments ISO7340C_15 Datasheet HTML 5Page - Texas Instruments ISO7340C_15 Datasheet HTML 6Page - Texas Instruments ISO7340C_15 Datasheet HTML 7Page - Texas Instruments ISO7340C_15 Datasheet HTML 8Page - Texas Instruments ISO7340C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 15
1
Features .................................................................. 1
8.3
Feature Description................................................. 16
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 18
3
Description ............................................................. 1
9
Applications and Implementation ...................... 20
4
Revision History..................................................... 2
9.1
Application Information............................................ 20
5
Pin Configuration and Functions ......................... 4
9.2
Typical Application .................................................. 20
6
Specifications......................................................... 5
10
Power Supply Recommendations ..................... 24
6.1
Absolute Maximum Ratings ..................................... 5
11
Layout................................................................... 25
6.2
ESD Ratings.............................................................. 5
11.1
PCB Material ......................................................... 25
6.3
Recommended Operating Conditions ....................... 5
11.2
Layout Guidelines ................................................. 25
6.4
Thermal Information .................................................. 6
11.3
Layout Example .................................................... 25
6.5
Electrical Characteristics........................................... 7
12
Device and Documentation Support ................. 26
6.6
Switching Characteristics .......................................... 8
12.1
Related Links ........................................................ 26
6.7
Electrical Characteristics........................................... 9
12.2
Trademarks ........................................................... 26
6.8
Switching Characteristics ........................................ 10
12.3
Electrostatic Discharge Caution ............................ 26
6.9
Typical Characteristics ............................................ 11
12.4
Glossary ................................................................ 26
7
Parameter Measurement Information ................ 13
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 15
Information ........................................................... 26
8.1
Overview ................................................................. 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2015) to Revision E
Page
•
Deleted "(VDE V0884-10):2006-12" and "(VDE 0411-1:2011-07)" from the Features Safety and Regulatory Approvals:.... 1
•
Deleted "(Approval Pending)" From the CSA Component Acceptance list item in the Features........................................... 1
•
Changed From: VCC1 To: VCCI in Figure 13 ......................................................................................................................... 13
•
Changed From: VCC1 To: VCCI and From: VCC2 To: VCCO in Figure 16 ................................................................................ 14
•
Deleted IEC from the section title: Insulation and Safety-Related Specifications for DW-16 Package .............................. 16
•
Changed the TEST Conditions of CTI in Insulation and Safety-Related Specifications for DW-16 Package ..................... 16
•
Changed the Test Conditions of VISO in Insulation Characteristics ..................................................................................... 17
•
Changed column CSA in the Regulatory Information table ................................................................................................. 17
Changes from Revision C (December 2014) to Revision D
Page
•
Changed the DIN V VDE 0884-10 number in the Features Safety and Regulatory Approvals: ............................................ 1
•
Added "(Approval Pending)" to the CSA Component Acceptance list item in the Features .................................................. 1
•
Deleted "All Agencies Approvals Planned" from the Features Safety and Regulatory Approvals: ........................................ 1
•
Changed the Simplified Schematic: VCC1 To VCCI, VCC2 to VCCO and GND1 to GNDI, GND2 to GNDO. Added Notes
1 and 2.................................................................................................................................................................................... 1
•
Added Note: "Maximum voltage must not exceed 6 V:" to Absolute Maximum Ratings
(1) ................................................... 5
•
Changed MIN value for VOH in the Electrical CharacteristicsFrom: VCCx - 0.5 To: VCCO - 0.5 ............................................... 7
•
Changed VCCx To VCCO in Note 1 of the Electrical Characteristics......................................................................................... 7
•
Changed MIN value for VOH in the Electrical CharacteristicsFrom: VCCx - 0.5 To: VCCO - 0.5 ............................................... 9
•
Changed VCCx To VCCO in Note 1 of the Electrical Characteristics......................................................................................... 9
•
Added "DT1" to the Minimum internal gap in Insulation and Safety-Related Specifications for DW-16 Package .............. 16
•
Changed VIORM "Maximum repetitive peak voltage" To: "Maximum repetitive peak isolation voltage per DIN V VDE V
0884-10" in Insulation Characteristics ................................................................................................................................. 17
•
Changed VPR From: "DIN V VDE 0884-10 " To: "DIN V VDE V 0884-10" in Insulation Characteristics ............................. 17
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com