Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 3 Page - Texas Instruments

  ISO7340C_15 Datasheet HTML 1Page - Texas Instruments ISO7340C_15 Datasheet HTML 2Page - Texas Instruments ISO7340C_15 Datasheet HTML 3Page - Texas Instruments ISO7340C_15 Datasheet HTML 4Page - Texas Instruments ISO7340C_15 Datasheet HTML 5Page - Texas Instruments ISO7340C_15 Datasheet HTML 6Page - Texas Instruments ISO7340C_15 Datasheet HTML 7Page - Texas Instruments ISO7340C_15 Datasheet HTML 8Page - Texas Instruments ISO7340C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
•
Changed VIOTM From: "DIN V VDE 0884-10 " To: "DIN V VDE V 0884-10" in Insulation Characteristics .......................... 17
•
Changed VIOSM "Maximum surge voltage per DIN V VDE 0884-10 " To: "Maximum surge isolation voltage per DIN V
VDE V 0884-100" in Insulation Characteristics ................................................................................................................... 17
•
Changed VIOSM Test Conditions in Insulation Characteristics ............................................................................................. 17
•
Changed RS Test Conditions in Insulation Characteristics From: TS To: TS = 150°C ......................................................... 17
•
Changed the Regulatory Information table .......................................................................................................................... 17
•
Changed title From: " IEC Safety Limiting Values" To: Safety Limiting Values ................................................................... 18
•
Changed Table 2 Header information From: INPUT-SIDE VCC To: VCCI and OUTPUT-SIDE VCC To: VCCO ..................... 18
•
Changed Figure 19 From: VCC To: VCCI on the inputs and VCCO on Output and Enabled .................................................... 19
•
Moved Figure 21 to Figure 23 from the Design Requirements section to the Detailed Design Procedure section............. 21
Changes from Revision B (November 2014) to Revision C
Page
•
Changed the Handling Ratings table to ESD Ratings ............................................................................................................ 5
•
Changed the ICC2, Supply current, DC to 1 Mbps TYP value From: 3 To 3.2 mA ................................................................ 7
•
Changed the ICC2, Supply current, 10 Mbps TYP value From: 5.1 To 5.6 mA ...................................................................... 7
•
Changed the ICC2, Supply current, 25 Mbps TYP value From: 8.6 To 9.3 mA ...................................................................... 7
•
Changed the ICC1, Supply current, 10 Mbps TYP value From: 0.8 To 0.9 mA ...................................................................... 9
•
Changed the ICC2, Supply current, 10 Mbps TYP value From: 0.3.6 To 3.9 mA ................................................................... 9
•
Changed the ICC2, Supply current, 25 Mbps TYP value From: 5.9 To 6.3 mA ...................................................................... 9
•
Added Figure 1 and Figure 2 ............................................................................................................................................... 11
•
Changed Figure 4 ................................................................................................................................................................. 11
•
Changed Minimum internal gap MIN value in Insulation and Safety-Related Specifications for DW-16 Package
From: 0.014 mm To: 13.5 µm............................................................................................................................................... 16
•
Changed Minimum internal gap MIN value in Insulation and Safety-Related Specifications for DW-16 Package
From: 13.5 µm To: 13 µm..................................................................................................................................................... 16
•
Delete text "per DIN V VDE 0884-10" from VIORM in the table in section Insulation Characteristics ................................... 17
•
Changed From: VPEAK To VPK in the UNIT column of the table in section Insulation Characteristics ................................. 17
•
Added VIOSM to the table in section Insulation Characteristics ............................................................................................ 17
•
Changed the table in Regulatory Information section - removed text "Certified according to", "Approved under",
"Recognized under", changed "pending" To: "planned" ....................................................................................................... 17
•
Changed Maximum Repetitive Peak Voltage, 1414 VPK To: Maximum surge voltage , 6000 VPK in the VDE column
of the table in section Regulatory Information ...................................................................................................................... 17
Changes from Revision A (Octoberr 2014) to Revision B
Page
•
Added Figure 3 and Figure 4................................................................................................................................................ 11
•
Changed the RIO Test Conditions in Insulation and Safety-Related Specifications for DW-16 Package : Added TA =
25°C at MIN = 10
12 ............................................................................................................................................................... 16
•
Changed the RIO Test Conditions in Insulation and Safety-Related Specifications for DW-16 Package : Added VIO =
500 V, 100°C
≤ TA ≤ 125°C at MIN = 10
11 ........................................................................................................................... 16
•
Added Test Condition to Table 1: Rated mains voltage
≤ 1000 VRMS ................................................................................. 17
Changes from Original (September 2014) to Revision A
Page
•
Changed From a 1 page Product Preview to the full datasheet ........................................................................................... 1
•
Changed the Simplified Schematic, added ground symbols .................................................................................................. 1
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com