Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7340C Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7340C_15 Datasheet HTML 17Page - Texas Instruments ISO7340C_15 Datasheet HTML 18Page - Texas Instruments ISO7340C_15 Datasheet HTML 19Page - Texas Instruments ISO7340C_15 Datasheet HTML 20Page - Texas Instruments ISO7340C_15 Datasheet HTML 21Page - Texas Instruments ISO7340C_15 Datasheet HTML 22Page - Texas Instruments ISO7340C_15 Datasheet HTML 23Page - Texas Instruments ISO7340C_15 Datasheet HTML 24Page - Texas Instruments ISO7340C_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ISO7340
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
IND
OUTA
OUTB
OUTC
OUTD
GND2
VCC2
0.1 µF
2 mm max
from VCC2
EN
GND2
NC
GND1
2 mm max
from VCC1
GND1
0.1 µF
VCC1
ISO7341
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTD
OUTA
OUTB
OUTC
IND
GND2
VCC2
0.1 µF
2 mm max
from VCC2
EN2
GND2
EN1
GND1
2 mm max
from VCC1
GND1
0.1 µF
VCC1
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
Typical Application (continued)
9.2.1.1 Design Requirements
9.2.1.1.1
Typical Supply Current Equations
9.2.1.1.1.1
ISO7340
At VCC1 = VCC2 = 5 V
ICC1 = 0.54366 + (0.0873 x f)
(1)
ICC2 = 2.74567 + (0.08433 x f) + (0.01 x f x CL)
(2)
At VCC1 = VCC2 = 3.3 V
ICC1 = 0.3437 + (0.04922 x f)
(3)
ICC2 = 2.1068 + (0.04374 x f) + (0.007045 x f x CL)
(4)
9.2.1.1.1.2
ISO7341
At VCC1 = VCC2 = 5 V
ICC1 = 1.7403 + (0.1006 x f) + (0.001711 x f x CL)
(5)
ICC2 = 2.502 + (0.09629 x f) + (0.00687 x f x CL)
(6)
At VCC1 = VCC2 = 3.3 V
ICC1 = 1.2915 + (0.046 x f) + (0.00185 x f x CL)
(7)
ICC2 = 1.8833 + (0.0566 x f) + (0.004514 x f x CL)
(8)
9.2.1.1.1.3
ISO7342
At VCC1 = VCC2 = 5 V
ICC1, ICC2 = 2.1254 + (0.08694 x f) + (0.004868 x f x CL)
(9)
At VCC1 = VCC2 = 3.3 V
ICC1, ICC2 = 1.5912 + (0.0410 x f) + (0.003785 x f x CL)
(10)
ICC1 and ICC2 are typical supply currents measured in mA, f is data rate measured in Mbps, CL is the capacitive
load measured in pF.
9.2.1.2 Detailed Design Procedure
Unlike optocouplers, which need external components to improve performance, provide bias, or limit current,
ISO734x only needs two external bypass capacitors to operate.
Figure 21. Typical ISO7340 Circuit Hook-up
Figure 22. Typical ISO7341 Circuit Hook-up
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com