Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45G-S24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L16B45G-S24-R
Description  CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45G-S24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L16B45G-S24-R Datasheet HTML 1Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 2Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 3Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 4Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 5Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 6Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 7Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 8Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
L16B45
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R102-059.c
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
-0.4~VDD+0.4
V
Output Current
IOUT
+90
mA
Output Voltage
VDS
-0.5~+17.0
V
GND Terminal Current
IGND
1000
mA
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
MAX
UNIT
Junction to Ambient
θJA
70
°C/W
DC ELECTRICAL CHARACTERISTICS (VDD=5.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Output Voltage
VDS
0
OUT ~
15
OUT
17.0
V
IOUT
DC Test Circuit
3
45
mA
IOH
SDO
-1.0
mA
Output Current
IOL
SDO
1.0
mA
“H” Level
VIH
TA=-40~85°C
0.7×VDD
VDD
V
Input Voltage
“L” Level
VIL
TA=-40~85°C
GND
0.3×VDD
V
Output Leakage Current
IOH
VDS=17.0V
0.5
μA
VOL
IOL=+1.0mA
0.4
V
Output Voltage
SDO
VOH
IOH=-1.0mA
4.6
V
Output Current 1
IOUT1
VDS=1.0V, REXT=1240Ω
15
mA
Current Skew
dIOUT1
IOL=15mA, VDS=1.0V, REXT=1240Ω
±3
%
Output Current 2
IOUT2
VDS=1.0V, REXT=620Ω
30
mA
Current Skew
dIOUT2
IOL=30mA, VDS=1.0V, REXT=620Ω
±3
%
Output Current vs. Output Voltage
Regulation
%/dVDS
VDS=1.0~3.0V
±0.1
%/V
Output Current vs. Supply Voltage
Regulation
%/dVDD VDD=4.5~5.5V
±1.0
%/V
Pull-Up Resistor
RIN(up)
OE
250
500
800
KΩ
Pull-Down Resistor
RIN(down) LE
250
500
800
KΩ
IDD(off) 1 REXT=Open,
0
OUT ~
15
OUT
=Off
2
2.8
mA
IDD(off) 2 REXT=1240Ω,
0
OUT ~
15
OUT
=Off
4
4.8
mA
“OFF”
IDD(off) 3 REXT=620Ω,
0
OUT ~
15
OUT
=Off
6
6.8
mA
IDD(on) 1 REXT=1240Ω,
0
OUT ~
15
OUT
=On
5.2
8.2
mA
Supply Current
“ON”
IDD(on) 2 REXT=620Ω,
0
OUT ~
15
OUT
=On
6.5
9.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com