Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45G-S24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L16B45G-S24-R
Description  CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45G-S24-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button L16B45G-S24-R Datasheet HTML 2Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 3Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 4Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 5Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 6Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 7Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 8Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 9Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
L16B45
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R102-059.c
SWITCHING ELECTRICAL CHARACTERISTICS (VDD=3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLK- OUTn
tpLH1
80
100
ns
LE- OUTn
tpLH2
80
100
ns
OE - OUTn
tpLH3
115
135
ns
Propagation Delay
Time (“L” to “H”)
CLK-SDO
tpLH
20
40
ns
CLK- OUTn
tpHL1
100
120
ns
LE- OUTn
tpHL2
80
100
ns
OE - OUTn
tpHL3
115
135
ns
Propagation Delay
Time (“H” to “L”)
CLK-SDO
tpHL
20
40
ns
CLK
tw(CLK)
20
ns
LE
tw(L)
20
ns
Pulse Width
OE
tw(OE)
300
100
ns
Hold Time for LE
th(L)
5
ns
Setup Time for LE
tsu(L)
VDD=3.3V, VDS=1.0V, VIH=VDD,
VIL=GND
Rext=930Ω, VL=3.0V, RL=100Ω,
CL=10pF
5
ns
Maximum CLK Rise Time
tr
500
ns
Maximum CLK Fall Time
tf
500
ns
Output Rise Time of IOUT
tor
160
180
ns
Output Fall Time of IOUT
tof
70
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com