Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L16B45G-S24-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # L16B45G-S24-R
Description  CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B45G-S24-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button L16B45G-S24-R Datasheet HTML 3Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 4Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 5Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 6Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 7Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 8Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 9Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 10Page - Unisonic Technologies L16B45G-S24-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
L16B45
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R102-059.c
TIMING WAVEFORM
CLK
SDI
SDO
LE
OE
OUTn
50%
50%
50%
50%
50%
50%
50%
50%
tW(CLK
tsu(D)
th(D)
tPLH, tPHL
tsu(L)
th(L)
LOW = OUTPUTS ENABLED
HIGH = OUTPUT OFF
tPLH1, tPHL1
tPLH2, tPHL2
LOW = OUTPUT ON
tW(L
50%
tW(OE
50%
50%
50%
50%
90%
10%
90%
10%
tPHL3
tPLH3
tof
tor
OE
OUTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com