Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5107G-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L5107G-P16-R
Description  CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5107G-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L5107G-P16-R Datasheet HTML 1Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 2Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 3Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 4Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 5Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 6Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 7Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
L5107
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R125-026.b
ABSOLUTE MAXIMUM RATING (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+48
V
Enable Pin Voltage
VEN
-0.3~+6
V
IADJ Voltage
VADJ
+6
V
Storage Temperature
TS
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Exceeding the absolute maximum rating may damage the device.
3. The device is not guaranteed to function outside its operating rating.
THERMAL CHARACTERISTICS (Note 3)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction Thermal Resistance
θJA
36.5
°С/W
OPERATING RATINGS (Note 3)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
+6~+45
V
Junction Temperature
TJ
-40~+125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com