Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5107G-P16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L5107G-P16-R
Description  CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5107G-P16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  L5107G-P16-R Datasheet HTML 1Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 2Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 3Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 4Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 5Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 6Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 7Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
L5107
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R125-026.b
FUNCTIONAL DESCRIPTIOM
The UTC L5107 DC-DC converter is based on a peak current mode PWM architecture which regulates the
feedback voltage at 0.25V under normal operating conditions. The constant output current converter is the preferred
method for driving LEDs. Figure 2 shows the typical application schematic.
The UTC L5107 configured as a boost controller can allow for the design of multiple LEDs in series to help
maintain color and brightness.
The input voltage range of the UTC L5107 is very wide, from 6V to 45V. In addition, the LED current and the
switching frequency can be programmed to a wide range of values through the external resistors for diffident LED
systems. The UTC L5107 can also control the brightness of the LEDs through its PWMD pin.
POWER TOPOLOGY
Constant Output Current Controller
The UTC L5107 as a peak current mode boost controller has been designed to provide a constant output current.
In the boost configuration, the output can be set from VIN up to 100V.
This LED driver features a built-in soft-start circuitry in order to prevent start-up surges. Other protection features
include:
* Current Limit (ILIMIT)-Current sensing for over current and overload protection
* Over Voltage Protection (OVP)-Output over voltage protection to prevent operation above a safe upper limit
* Under Voltage Lockout (UVLO)-UVLO designed to prevent operation at very low input voltages
Setting the LED Current
The current through the LED string is set by the resistor, RADJ. This value can be calculated using Equation 1:
Eq. (1)
ADJ
LED
R
0.25V
I
VDD
VDD is an internal linear regulator power supply for the internal circuitry of the UTC L5107. A 10μF ceramic bypass
capacitor is required at the VDD pin. This pin is for filtering only and should not connect an external load to this pin.
Soft Start
A soft start build in the boost switching converter is used to limit the inrush current from the line supply. The soft
start delay can be set using the compensation capacitor (CCOMP in Figure 2).
A 10nF ceramic capacitor will be OK at all operating conditions.
Oscillator and Switching Frequency Selection
In the UTC L5107, the switching frequency can be set by choosing the appropriate value for the resistor, RFS
according to Equation 2:
Eq. (2)


1.035
SW
FS
kHz
F
7530
KΩ
R


Dithering
The UTC L5107 has a feature which dithers the switching frequency by ±10%. The purpose of this dithering is to
help achieve a spread spectrum of the conducted EMI noise. This can allow for an overall reduction in noise
emission by approximately 10dB.
LED Dimming
The UTC L5107 of LED drivers can dim the brightness of the LED string. A PWM input signal of up to 500Hz can
be applied to the PWMD pin (see Figure 2) to pulse the LED string ON and OFF. It is recommended to use PWM
dimming signals above 120Hz to avoid any recognizable flicker by the human eye. PWM dimming is the preferred
way to dim a LED in order to prevent color/wavelength shifting, as occurs with analog dimming. The output current
level remains constant during each PWMD pulse.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com