Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5107G-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L5107G-P16-R
Description  CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5107G-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L5107G-P16-R Datasheet HTML 1Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 2Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 3Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 4Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 5Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 6Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 7Page - Unisonic Technologies L5107G-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L5107
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R125-026.b
CONSTANT CUTTENT BOOST
CONTROLLER FOR DRIVING
HIGH POWER LEDS
DESCRIPTION
The UTC L5107 is a high powered PWM boost converter
optimized for constant current applications such as driving one or
more strings of high power LEDs. The powerful drive circuitry can
deliver up to 70W to the LED system.
The output current can be set by an external resistor
connected the IADJ pin and GND. This average current can be
reduced by applying a PWM signal to the PWMD pin. The UTC
L5107
offers a dither feature to reduce EMI.
The UTC L5107 has a large input voltage range from 6V to
45V and the switching frequency can be set by an external
resistor between 100kHz and 1MHz for diffident LED systems. To
protect the device over voltage protection circuit and under
voltage lock-out circuit have been incorporated as well as thermal
shutdown circuit.
FEATURES
* Input voltage range: 6V~45V
* Feedback voltage: 0.25V±3%
* Maximum out power of 70W
* Programmable switching frequency and LED drive current
* Ultra low EMI via dithering on the UTC L5107
* Single pin for PWM dimming
* Protection circuit:
Over voltage protection circuit
Over temperature protection circuit
Under-voltage Lock-out circuit
* Accurate over the -40~125°C temperature range
ORDERING INFORMATION
Ordering Number
Package
Packing
L5107G-P16-R
TSSOP-16
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
MARKING


Similar Part No. - L5107G-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L5107G-P16-R UTC-L5107G-P16-R Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results

Similar Description - L5107G-P16-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
Constant Current Boost Controller for Driving High Power LEDs
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
Constant Current, Buck Regulator for Driving High Power LEDs
logo
Unisonic Technologies
ULC6001 UTC-ULC6001 Datasheet
101Kb / 4P
CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com