Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3551L-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3551L-AG6-R
Description  ADVANCED PWM STEP-UP DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3551L-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3551L-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3551L-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3551
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-555.a
ADVANCED PWM STEP-UP
DC-DC CONVERTER
DESCRIPTION
The UTC UC3551 is a step-up DC/DC converter with high
efficiency and low start-up voltage. It is operaded in stable
waveforms without external compensate. This device incorporates
an adaptive current mode PWM control loop in which an error
amplifier, ramp generator, comparator, switch pass element and
driver are included. Besides, this circuit provides a stable and high
efficient operation over a wide range of load currents.
The UTC UC3551 features high switching rate which is up to 450
KHz, making the external component counts less required.
Moreover, it features 17μA low quiescent current, which makes the
battery life longer. The low start-up input voltage below 1V makes
UTC UC3551 suitable for 1 to 4 battery cells applications of
providing up to 300mA output current.
Two external resistors determine the value of the output voltage.
The external power devices (NMOS or NPN) are derived by both
internal 2A switch and driver.
The UTC UC3551 is intended to be used in PDA, DSC, LCD
Panel, RF-Tags, MP3, portable instrument and wireless equipment.
FEATURES
* Low Start-up Input Voltage is as Low as 1.0V
* Efficiency up to 90%
* High Supply Capability to Deliver 3.3V 100mA with 1 Alkaline Cell
* Quiescent (Switch-off) Supply Current: 17µA
* Zero Shutdown Mode Supply Current
* Fixed Switching Frequency: 450KHz
* Both Internal and External Power Switches for Maximum Flexibility
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UC3551L-AG6-R
UC3551G-AG6-R
SOT-26
Tape Reel
UC3551L-AG6-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AG6: SOT-26
(3) G: Halogen Free, L: Lead Free
(3)Lead Free


Similar Part No. - UC3551L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3551L-AG6-R UTC-UC3551L-AG6-R Datasheet
160Kb / 6P
ADVANCED PWM STEP-UP DC-DC CONVERTER
More results

Similar Description - UC3551L-AG6-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
PWM STEP-UP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
STEP-UP PWM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
CMOS PWM step-up DC/DC converter
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
PWM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com