Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARMHR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHR Datasheet(HTML) 61 Page - Texas Instruments

Back Button UCD3138ARMHR Datasheet HTML 57Page - Texas Instruments UCD3138ARMHR Datasheet HTML 58Page - Texas Instruments UCD3138ARMHR Datasheet HTML 59Page - Texas Instruments UCD3138ARMHR Datasheet HTML 60Page - Texas Instruments UCD3138ARMHR Datasheet HTML 61Page - Texas Instruments UCD3138ARMHR Datasheet HTML 62Page - Texas Instruments UCD3138ARMHR Datasheet HTML 63Page - Texas Instruments UCD3138ARMHR Datasheet HTML 64Page - Texas Instruments UCD3138ARMHR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
2 B – QB2
( EDGEGEN )
2 A – QT 2
( EDGEGEN )
0 B – QSYN 2,4
1 B – QSYN 1,3
X3
X2
Current
X1
Peak Level
3 A – QB1
( DPWM 1 C)
3 B – QT1
( DPWM 2 C)
Period Start
Period End
Chopping point
Chopping point
Y3
Y2
Y 1
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
Figure 7-7. Final 6 Gate Signals
Note how the falling edge of DPWM2AF aligns with the X1 edge, and how the rising edge of DPWM2BF
aligns with the X3 edge. The falling edges on DPWM2AF and DPWM3AF are caused by the peak
detection logic. This is fed through the Cycle By Cycle logic. The Cycle By Cycle logic also has a special
feature to control the rising edges of DPWM2BF (X1 and X3) and DPWM3BF (Y1 and Y3). It uses the
value of Event3 – Event2 to control the time between the edges. The same feature is used with DPWM0
and DPWM1 to control the X2 and Y2 signals. Using the other 2 DPWMs permits these signals to have a
different dead time.
The same setup can be used for voltage mode control. In this case, the Filter output sets the timing of the
falling edge on DPWMxAF.
All DPWMs are configured in Normal mode, with CBC enabled. If external slope compensation is used,
DPWM1A and DPWM1B are used to reset the external compensator at the beginning of each half cycle. If
no PCMC event occurs, the values of Events 2 and 3 determine the locations of the edges, just as in open
loop mode.
7.2.6
System Initialization for PCM
PCM (Peak Current Mode) is a specialized configuration for the UCD3138A which involves several
peripherals. This section describes how it works across the peripherals.
7.2.6.1
Use of Front Ends and Filters in PSFB
All three front ends are used in PSFB. The same signals are used in the same places for both PCMC and
voltage mode. The same hardware can be used for both control modes, with the mode determined by
which firmware is loaded into the device. FE0 and FE1 are used with their associated filters, but Filter 2 is
not used at all.
FE0 – Vout – voltage loop
FE1 – Iout – current loop
FE2 – Ipri – PCM
In PCMC mode, FE2 is used for PCMC, and the voltage loop is normally used to provide the start point for
the compensation ramp. If the CPCC firmware detects a need for constant current mode, it switches to the
current loop for the start point.
Copyright © 2015, Texas Instruments Incorporated
Application, Implementation, and Layout
61
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com