Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARMHR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHR Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCD3138ARMHR Datasheet HTML 10Page - Texas Instruments UCD3138ARMHR Datasheet HTML 11Page - Texas Instruments UCD3138ARMHR Datasheet HTML 12Page - Texas Instruments UCD3138ARMHR Datasheet HTML 13Page - Texas Instruments UCD3138ARMHR Datasheet HTML 14Page - Texas Instruments UCD3138ARMHR Datasheet HTML 15Page - Texas Instruments UCD3138ARMHR Datasheet HTML 16Page - Texas Instruments UCD3138ARMHR Datasheet HTML 17Page - Texas Instruments UCD3138ARMHR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3 V to 3.6 V; 1
μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ADC12 INL integral nonlinearity, end
–3.9
±2
4.5
LSB
point(2) (See Figure 5-3)
ADC12 INL integral nonlinearity, best fit(2)
–2.3
±1.5
2.6
LSB
ADC_SAMPLINGSEL = 0 to 6 for all
(See Figure 5-3)
ADC12 data
ADC12 DNL differential nonlinearity(2)
–0.8/+2.4
LSB
ADC Zero Scale Error
–7
7
mV
ADC Full Scale Error
–35
35
mV
Input bias
2.5 V applied to pin
400
nA
Input leakage resistance(1)
ADC_SAMPLINGSEL= 0 or 6
1
M
Ω
Input Capacitance(1)
10
pF
ADC single sample conversion time(1)
ADC_SAMPLINGSEL= 0 or 6
3.9
μs
DIGITAL INPUTS/OUTPUTS(3)(4)
DGND
VOL
Low-level output voltage(5)
IOH = 4 mA, V33DIO = 3 V
V
+ 0.25
V33DIO
VOH
High-level output voltage (5)
IOH = –4 mA, V33DIO = 3 V
V
– 0.6
VIH
High-level input voltage
V33DIO = 3 V
2.1
V
VIL
Low-level input voltage
V33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
–4
mA
SYSTEM PERFORMANCE
Total time is: TWD ×
TWD
Watchdog time out range
14.6
17
20.5
ms
(WDCTRL.PERIOD + 1)
Time to disable DPWM output based on
High level on FAULT pin
70
ns
active FAULT pin signal
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital compensator delay(6)
(1 clock = 32 ns)
6
clocks
t(reset)
Pulse width needed at reset(1)
10
µs
Retention period of flash content (data
TJ = 25°C
100
years
retention and program)
Program time to erase one page or block in
20
ms
data flash or program flash
Program time to write one word in data
20
µs
flash or program flash
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
Sync-in/sync-out pulse width
Sync pin
256
ns
Flash Read
1
MCLKs
Flash Write
20
μs
Current share current source (See
ISHARE
238
259
μA
Figure 6-21)
RSHARE
Current share resistor (See Figure 6-21)
9.75
10.3
k
Ω
(2)
Minimum and maximum values are specified by design and characterization data.
(3)
DPWM outputs are low after reset. Other GPIO pins are configured as inputs after reset.
(4)
On the 40-pin package V33DIO is connected to V33D internally.
(5)
The maximum total current, IOHmax and IOLmax for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop
specified. Maximum sink current per pin = –6 mA at VOL; maximum source current per pin = 6 mA at VOH.
(6)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay, which
has no variation associated with it, must be accounted for when calculating the system dynamic response.
14
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com