Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARMHR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHR Datasheet(HTML) 23 Page - Texas Instruments

Back Button UCD3138ARMHR Datasheet HTML 19Page - Texas Instruments UCD3138ARMHR Datasheet HTML 20Page - Texas Instruments UCD3138ARMHR Datasheet HTML 21Page - Texas Instruments UCD3138ARMHR Datasheet HTML 22Page - Texas Instruments UCD3138ARMHR Datasheet HTML 23Page - Texas Instruments UCD3138ARMHR Datasheet HTML 24Page - Texas Instruments UCD3138ARMHR Datasheet HTML 25Page - Texas Instruments UCD3138ARMHR Datasheet HTML 26Page - Texas Instruments UCD3138ARMHR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
SR0_ DPWM
SR1_ DPWM
DTC0
DTC1
DETECT_ BLANK
DETECT_ LEN
DETECT
DETECT
DETECT
DETECT
ADJUST
ADJUST
1
2
3
6
4
5
Thermal Pad
(GND)
CTRL
DTC
IN
VD
OUT
VCC
1
2
3
6
4
5
Thermal Pad
(GND)
CTRL
DTC
IN
VD
OUT
VCC
UCD3138A
DPWM
module
SR1 DPWM
SR2 DPWM
Decoder
Dead Time
Control
Computation
Engine
DTC0
DTC1
Rising edge
optimization
control
Rising edge
optimization
control
SR1
SR2
UCD7138
UCD7138
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
5.8.1.8
Synchronous Rectifier Dead Time Optimization Peripheral
The UCD3138A has an advanced dead time control interface where it can accept UCD7138 output signals
and optimize SR gate driver signals accordingly. The UCD7138 low-side MOSFET driver is a high-
performance driver for secondary-side synchronous rectification (SR) with body diode conduction sensing.
The device is suitable for high power high efficiency isolated converter applications where dead-time
optimization is desired. The UCD7138 gate driver is a companion device to UCD3138A highly integrated
digital controller for isolated power.
Figure 5-8. Synchronous Rectifier Peripheral use with Synchronous Rectifier Driver
DTC0 and DTC1 are received body diode conduction inputs from UCD7138. SR0_DPWM and
SR1_DPWM are the DPWM waveforms for the SRs. The red and green edges are moving edges
controlled by both the filter output and the DTC interface. In each cycle, right after the falling edge of the
SR DPWM waveform, a body diode conduction time detection window is generated. The detection window
is defined by both DETECT_BLANK and DETECT_LEN registers. During this detection window, a 4-ns
timer capture counts how long the body diode conducts. Then the DPWM turn off edge of the next cycle is
adjusted accordingly.
Figure 5-9. Timing Diagram of the DTC Interface
Figure 5-10 shows how the turn off edge is adjusted based on the DTC measurement of the previous
cycle. The A_ADJ and B_ADJ registers in DTCMONITOR are signed accumulators; default value is 0.
Copyright © 2015, Texas Instruments Incorporated
Specifications
23
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com