Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2300G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCL2300G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2300G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UCL2300G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCL2300
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R125-034.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Input Voltage
VCC
-0.3~22
V
Current Sense Pin Input Voltage
CS
-0.3~6
V
Compensation Pin Voltage
COMP
-0.3~6
V
Line Voltage Sample Input
LN
-0.3~6
V
Feedback Pin Input Voltage
FB
-0.3~6
V
ST Pin Maximum Supply Current
IST_MAX
5
mA
External Power MOSFET Drive Voltage
OUT
-0.3~18
V
Maximum Work Current of Internal Power MOSFET
IOUT
3
A
Power Dissipation (Note 1)
PDMAX
0.45
W
Junction to Ambient
θJA
145
°C/W
Junction Temperature
TJ
-40~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The maximum power dissipation decrease if temperature rise, it is decided by TJMAX, θJA, and environment
temperature (TA). The maximum power dissipation is the lower one between PDMAX=(TJMAX-TA)/ θJA and the
number listed in the maximum table.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
11.5~17.5
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com