Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2300G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCL2300G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2300G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCL2300G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UCL2300
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-034.a
ELECTRICAL CHARACTERISTICS (Notes 1, 2) (Unless otherwise specified, VCC=14V and TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Startup Voltage
VST Startup Voltage
VST_ON
1mA, VCC=10V
16
17
18
V
VST Hysteresis Voltage
VST_HYS
VCC=14V
2
V
ST Startup Current
IST_ON
VCC=10V
20
35
μA
ST Operating Current
IST_OP
VCC=14V
35
60
μA
Supply Voltage Section
VCC Startup Voltage
VCC_ON
VCC Rising
10
11
12
V
VCC Undervoltage Protection Threshold
VCC_UVLO
VCC Falling
5.2
5.8
6.5
V
VCC Hold Voltage
VCC_HOLD
VCC Falling
7
7.5
8
V
VCC Turn Off Current
ICC_UVLO
VCC Rising, VCC=10V
40
70
μA
VCC Quiescent Current
IQ
No Switch, VCC=14V
320
600
μA
VCC Operating Current
ICC
FOP=60kHz
300
μA
VCC Over Voltage Protection Threshold
VCC_OVP
21
V
FB Feedback
FB Falling Edge Threshold Voltage
VFB_FALL
FB Falling
0.4
V
FB Hysteresis Voltage
VFB_HYS
FB Rising
0.6
V
FB Over Voltage Protection Threshold
VFB_OVP
5.5
V
Minimum Off Time
TOFF_MIN
4.0
μs
Maximum Off Time
TOFF_MAX
90
μs
Current Sense Section
Leading Edge Blanking Time for Current Sense
TLEB_CS
350
ns
Switch off Delay Time
TDELAY
180
ns
Loop Compensation
Internal Reference Voltage
VREF
0.294
0.300
0.306
V
COMP Low Clamp Voltage
VCOMP_LO
1.5
V
COMP Linear Operating Voltage Range
VCOMP
1.5
3.5
V
COMP Protection Threshold
VCOMP_OVP
4.5
V
Linear Voltage Sampling
LN Linear Working Range
VLN
0
2.5
V
Driver Stage
Internal Tube Driven MOS Resistance
RDS_ON
VCC=14V
1200
mΩ
Notes: 1. Production testing of the chip is performed at 25°C.
2. The maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed
by design, characterization and statistical analysis



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com