Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCL2300G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCL2300G-S08-R
Description  PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCL2300G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCL2300G-S08-R Datasheet HTML 1Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 2Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 3Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 4Page - Unisonic Technologies UCL2300G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCL2300
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R125-034.a
PSR SINGLE-STAGE APFC
OFFLINE LED DRIVER
DESCRIPTION
The UTC UCL2300 is a high precision primary-side regulation
controller with single stage Active PFC, specially designed for
universal input offline flyback or buck-boost constant current LED
lighting. The controller with on-chip PFC circuit achieves high
power factor and low THD. Operating in critical conduction mode,
the power MOSFET switching loss is reduced and the inductor is
fully utilized.
The UTC UCL2300 adopts proprietary primary side current
sensing scheme. It can precisely control the LED current without
secondary side sense and feedback circuits. The system size and
cost are optimized, as well as the system reliability.
The UTC UCL2300 utilizes patented line and load voltage
compensation method to achieve excellent line and load
regulation. And the line compensation factor can also be tuned
externally for flexibility.
The UTC UCL2300 offers rich protection functions to improve
the system reliability, including LED open circuit protection, LED
short circuit protection, VCC over voltage protection, VCC under
voltage protection, CS resistor open protection and cycle by cycle
current limit. All the protection functions are auto-recovery.
FEATURES
* Single-stage active PFC for high power factor and low THD
* Primary side control constant current operation, No
opto-coupler required
* Ultrafast LED start (<200ms @85V)
* ±3% LED current accuracy
* Excellent line and load regulation
* Critical conduction mode operation
* Source driving method
* Ultra-low (20μA) startup current
* Ultra-low (300μA) Operating current
* High resistance feedback resistor for improved
efficiency
* LED open and short circuit protection
* CS resistor open and short circuit protection
* Transformer saturation protection
* Cycle-by-cycle current limit
* VCC over-voltage and under-voltage protection
* Auto fault recovery
ORDERING INFORMATION
Ordering Number
Package
Packing
UCL2300G-S08-R
SOP-8
Tape Reel


Similar Part No. - UCL2300G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCL2310 UTC-UCL2310 Datasheet
197Kb / 7P
PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
UCL2310G-S08-R UTC-UCL2310G-S08-R Datasheet
197Kb / 7P
PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
More results

Similar Description - UCL2300G-S08-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
18 W single-stage offline LED driver
08-Feb-2011
logo
Unisonic Technologies
UCL2310 UTC-UCL2310 Datasheet
197Kb / 7P
PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
logo
Bright Power Semiconduc...
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
PSR Single-Stage APFC Offline LED Driver
BP3319MB BPS-BP3319MB Datasheet
180Kb / 2P
PSR Single-Stage APFC Offline LED Controller
logo
Princeton Technology Co...
PT6917 PTC-PT6917 Datasheet
538Kb / 5P
Single Stage APFC Flyback LED Driver
PT6978A PTC-PT6978A Datasheet
425Kb / 4P
Single Stage APFC Buck LED Driver
PT6978H PTC-PT6978H Datasheet
363Kb / 4P
Single-Stage APFC Buck LED Driver
PT6978L PTC-PT6978L Datasheet
363Kb / 4P
Single-Stage APFC Buck LED Driver
logo
Bright Power Semiconduc...
BP3309 BPS-BP3309 Datasheet
378Kb / 8P
PSR Single-Stage APFC Offline LED Controller
Rev 1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com