Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150FD Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 150FD
Description  Popular series for rough service
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

150FD Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  150FD Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
150FD(R)Series
Fig.4 Forward power loss characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
R
=
0.5
K/W
- D
elta
R
thS
A
0.4
K/W
0.6 K
/W
0.2
K/W
0.8 K/W
1.2 K/W
90°
60°
30°
120°
180°
300
250
200
100
50
0
200
Conduction Period
T = 175°C
J
0
250
100
120
140
160
180
0
50
150
200
100
300
RMS Limit
DC
Fig.5 Maximum non-repetitive surge current
Fig.6 Maximum non-repetitive surge current
Fig.7 Forward voltage drop characteristics
Fig.8 Thermal lmpedance R
characteristic
thJC
Number of equal amplitude half cycle
current pulses(N)
Pulse train duration (S)
Instantaneous forward voltage (V)
10
100
1000
10000
0.5
1
1.5
2
2.5
3
Square wave pulse duration (S)
At any rated load condition and with
rated vrrm applied following surge.
lnitial T =175
°C
J
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
1500
2000
2500
3000
3500
1000
500
1
10
100
Per Junction
4000
3500
3000
2500
2000
1500
1000
500
0.01
0.1
1
Maximum non repetitive surge current
versus pulse train duration.
Control of conduction may not be maintained.
lnitial T = 175
°C
J
no voltage reapplied
rated V
reapplied
rrm
@ 50 Hz
@ 50 Hz
Per Junction
1
0.1
0.01
0.001
0.01
0.1
1
10
Steady State Value
RthJC = 0.3 K/W
(DC Operation)
T = 25
°C
J
T = 175
°C
J
Page 4 of 6
www.nellsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com