Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150FD Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 150FD
Description  Popular series for rough service
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

150FD Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  150FD Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Popular series for rough service
Stud cathode and stud anode version
RoHS compliant
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Fast Recovery Diodes
Nell High Power Products
Designed and qualified for industrial level
150FD(R)Series
Stud Version, 150A
Welders
Power supplies
Motor controls
Battery chargers
PRODUCT SUMMARY
IF(AV)
150A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNIT
nS
trr
IFSM
IF(AV)
2
I t
TJ
kA²s
A
ºC
TEST CONDITIONS
Maximum TC
ºC
A
3000
3141
45
40.9
-40 to 175
50 HZ
60 HZ
50 HZ
60 HZ
Tj = 25°C
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
V
, MAXIMUM
RRM
REPETITIVE PEAK
REVERSE VOLTAGE
V
V
, MAXIMUM
RSM
NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
l
, MAXIMUM
RRM
AT T = 175 °C
J
mA
150FD( R )
04
06
08
10
12
400
600
800
1000
1200
500
700
900
1100
1300
15
Alloy diode
General industrial current rectification
125
250 to 500
DO-205AA(DO-8)
150FD(R)
150
Ceramic housing
Freewheeling diodes
High power drives
Glass passivated chip
V
VRRM
Range
400 to 1200
Fast recovery rectifier applications
Reverse recovery time ( ) < 500 nS
trr
High voltage ratings up to 1200V
( Metric stud )
Page 1 of 6
www.nellsemi.com


Similar Part No. - 150FD

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
150FDR NELLSEMI-150FDR Datasheet
1Mb / 6P
Fast Recovery Diodes
150FDR04 NELLSEMI-150FDR04 Datasheet
1Mb / 6P
Fast Recovery Diodes
150FDR06 NELLSEMI-150FDR06 Datasheet
1Mb / 6P
Fast Recovery Diodes
150FDR08 NELLSEMI-150FDR08 Datasheet
1Mb / 6P
Fast Recovery Diodes
150FDR10 NELLSEMI-150FDR10 Datasheet
1Mb / 6P
Fast Recovery Diodes
More results

Similar Description - 150FD

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
FO141 OSRAM-FO141 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Baumer IVO GmbH & Co. K...
Z10002A IVO-Z10002A Datasheet
177Kb / 1P
Accessories & Service
Z10004A IVO-Z10004A Datasheet
181Kb / 1P
Accessories & Service
Z10704A IVO-Z10704A Datasheet
167Kb / 1P
Accessories & Service
logo
PHOENIX CONTACT
0803682 PHOENIX-0803682 Datasheet
47Kb / 3P
Label for rough surfaces - EML-HA (38,1X25,4)R /OS
logo
M/A-COM Technology Solu...
1N5807US MA-COM-1N5807US Datasheet
626Kb / 4P
Popular JEDEC Registered Series
logo
Vishay Siliconix
VS-300U VISHAY-VS-300U Datasheet
169Kb / 7P
Popular series for rough service
23-Mar-17
logo
PHOENIX CONTACT
0830609 PHOENIX-0830609 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R
0830730 PHOENIX-0830730 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com