Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150FD Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 150FD
Description  Popular series for rough service
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

150FD Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  150FD Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 150FD Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
ORDERING INFORMATION TABLE
1
-
Current rating, 150 = 150A
2
-
FD = Fast Recovery Diode
3
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
Device code
FD
M
150
R
10
1
2
3
4
5
5
-
Voltage code × 100 = V
(see Voltage Ratings table)
RRM
-
DO-8, Ceramic housing type with M12x1.75 stud
and insulated tube
6
A
4
6
-
trr Value, A=250 nS Max.,
B=500 nS Max.,
150FD(R)Series
Fig .10 Typical recovered charge vs.
rate of fall of forward current.
85FD(R), 200 to 600V
T
=
12
5°
C
J
10
3
10
4
10
1
2
10
1
4
10
40
100
Rate of fall of forward current (A/µs)
1
Fig .9 Typical reverse recovery time vs.
rate of fall of forward current.
Rate of fall of forward current (A/µs)
400
2
10
10
40
4
10
40
100
400 to 600V
4
10
T = 25°C
J
l = 265A
F
l = 50A
F
l = 1A
F
T = 125°C
J
l = 265A
F
l = 50A
F
l = 1A
F
l = 265A
F
l = 50A
F
l = 1A
F
1
Fig .11 Typical reverse recovery time vs.
rate of fall of forward current.
Rate of fall of forward current (A/µs)
5000
1000
100
200
300
400
4
10
40
100
800 to 1200V
4000
T = 25°C
J
l = 265A
F
l = 50A
F
l = 1A
F
T = 125°C
J
l = 265A
F
l = 50A
F
l = 1A
F
T
=
25
°C
J
Fig .12 Typical recovered charge vs.
rate of fall of forward current.
800 to 1200V
T
=
25
°C
J
T
=
12
5°
C
J
2
10
4
10
5
10
3
10
1
4
10
40
100
Rate of fall of forward current (A/µs)
10
l = 265A
F
l = 50A
F
l = 1A
F
Page 5 of 6
www.nellsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com