Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1100G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC1100G-AG6-R
Description  LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1100G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC1100G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UC1100
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R129-007.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3~36
V
Voltage at CS, OUT to GND
-0.3~7
V
FB Input
-40~10
V
Output Current at OUT
Internally limited
A
ESD (Machine Model)
200
V
ESD (Human Body Model)
1
000
V
Operating Junction Temperature
TOPR
150
°C
Storage Temperature
TSTG
-65~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
ELECTRICAL CHARACTERISTICS (VCC=15V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO SECTION
Start-Up Threshold
VTH (ST)
16
18.5
21
V
Minimal Operating Voltage
VOPR(min)
7.2
9
10.2
V
STANDBY
CURRENT SECTION
Start-Up Current
IST
VCC=VTH (ST)-0.5V, Before Start-Up
3
µA
Operating Current
ICC(OPR) Static
350
400
µA
DRIVE OUTPUT SECTION
Sink
50
mA
OUT Maximum Current
Source
IOUT
40
60
80
mA
CURRENT SENSE SECTION
Current Sense Threshold
VCS
455
510
545
mV
Equivalent Current Sense Voltage
Accuracy
eq
,
V
eq
,
V
∆
CS
CS
Note 1
3
%
Pre-Current Sense
VCS(PRE)
365
410
455
mV
Leading Edge Blanking
500
ns
FEEDBACK INPUT SECTION
Feedback Pin Input Leakage Current
IFB
VFB=4V
2.0
2.5
3.1
µA
Feedback Threshold
VFB
3.59
3.83
4.07
V
Note: The output current is given by
S
P
CS
CS
OUT
N
N
×
R
eq
,
V
=
I



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com