Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1100G-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC1100G-AG6-R
Description  LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1100G-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC1100G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UC1100
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R129-007.a
OPERATION DESCRIPTION (Cost.)
Figure2. Adjustable output power by changing Rcs
Figure3. Secondary current waveform
In CC operation, the CC loop control function of UTC UC1100 will keep a fixed proportion between secondary
inductance de-magnetization time (Tdemag) and switching cycle time (Tsw). The fixed proportion is
7
4
=
Tsw
Tdemag
(2)
Thus the output current is given by:
Ipk
×
N
N
×
7
2
=
Tsw
Tdemag
×
Ipk
×
N
N
×
2
1
=
Iout
S
P
S
P
(3)
Current Sensing and Leading Edge Blanking
Cycle-by-cycle current limiting is offered in UTC UC1100. The switch current is detected by a sense resistor into
the CS pin. When the power switch is turned on, a turn-on spike will occur on this resistor. A 750ns leading-edge
blanking is built in to avoid false-termination of the switching pulse so that the external RC filtering is no longer
needed.
Drive BJT
The driver is a push pull stage with the supply voltage VCC. It provides the driving current for the external power
bipolar transistor. The output signal is current-limited to IOUT(SOURCE).
Protection Control
Good power supply system reliability is achieved with its comprehensive protection features including output
over-voltage protection, feedback loop open protection, Cycle-by-cycle current limiting, short circuit protection,
leading edge blanking and UVLO, etc.
VCC is supplied by transformer auxiliary winding output. The output of UTC UC1100 is shutdown when VCC drops
below VOPR(MIN) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com