Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1100G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC1100G-AG6-R
Description  LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1100G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC1100G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC1100
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R129-007.a
LOW-POWER HIGH PRECISION
CC/CV PRIMARY SIDE
SWITCHING REGULATOR
DESCRIPTION
The UTC UC1100 is a primary control unit for switch mode
charger and adapter applications. The controlled variable is
transferred by an auxiliary winding from the secondary to the
primary side. The device uses Pulse Frequency Modulation (PFM)
method to build discontinuous conduction mode (DCM) flyback
power supplies.
The UTC UC1100 operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It also
eliminates the need of loop compensation circuitry while
maintaining stability. The UTC UC1100 achieves excellent
regulation and high average efficiency, yet meets the requirement
for no-load consumption less than 30mW.
The UTC UC1100 achieves high precision CV/CC regulation
and high power efficiency. It offers comprehensive protection
coverage with auto-recovery features including Cycle-by-cycle
current limiting, output over voltage protection, feedback loop open
protection, short circuit protection, leading edge blanking, VCC
under voltage lockout, etc.
FEATURES
SOT-26
4
5
3
2
1
6
* Primary side control for rectangular constant current and
constant voltage output
* 30mW no-load input power feasible
* Tight CC regulation performance
* Sub-microampere start-up current
* Eliminates control loop compensation circuitry
* Eliminates opto-coupler and secondary CV/CC control
circuitry
* Random frequency modulation to reduce system EMI
* Flyback topology in DCM operation
* Open feedback protection
* Built-in soft start
* Short circuit protection
ORDERING INFORMATION
Ordering Number
Package
Packing
UC1100G-AG6-R
SOT-26
Tape Reel


Similar Part No. - UC1100G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC1103 UTC-UC1103 Datasheet
235Kb / 9P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UC1103G-S08-R UTC-UC1103G-S08-R Datasheet
235Kb / 9P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results

Similar Description - UC1100G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSR100 UTC-UPSR100 Datasheet
170Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
USRB01 UTC-USRB01_16 Datasheet
141Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB01A UTC-USRB01A Datasheet
218Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6535 FUMAN-TC6535 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6538 FUMAN-TC6538 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com