Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2651G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US2651G-S08-R
Description  HIGH PRECISION LOW COST MCM POWER SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2651G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  US2651G-S08-R Datasheet HTML 1Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 2Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 3Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 4Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 5Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US2651
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-B23.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain Voltage (Off State)
BVDSS
-0.3~BVdss
V
VDD Voltage
-0.3~40
V
VDD Zenzer Clamp Continuous Current
IDD
10
mA
COMP Voltage
VCOMP
-0.3~7
V
CS Input Voltage
VCS
-0.3~7
V
Operating Junction Temperature
TJ
-40~150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-8
θJA
75
°C/W
SOP-8
90
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=16V, if not otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SUPPLY VOLTAGE (VDD) SECTION
Standby Current
IDD ST
VDD= UVLO (OFF)-0.1V
35
μA
Operation Current
IDD OP
Operation Supply Current CS=0V,
VDD=18V
3.0
mA
VDD Under Voltage Lockout Enter
UVLO(ON)
VDD Falling
7
8
9
V
VDD Under Voltage Lockout Exit
UVLO (OFF) VDD Rising
12
13
14
V
Over Voltage Protection
Threshold
OVP
Ramp VDD Until Gate Shut Down
24.5 25.5 26.5
V
In Normal Regulation, VDD will be
Regulated to 19.3V
VDD
Ramp VDD Until Comp Voltage Lower
than 2.5V
18.5 19.3 20.5
V
CURRENT SENSE INPUT SECTION
LEB Time
TLEB
300
ns
Over Current Threshold
VTH_OC
750
860
970
mV
OCP Propagation Delay
TD_OC
110
ns
Input Impedance
ZSENSE_IN
40
KΩ
FREQUENCY SECTION
IC Maximum Frequency
Freq_MAX
40
50
60
KHz
Frequency Shuffling Range
△
f/Freq
±6
%
ERROR AMPLIFIER SECTION
DC Gain of EA
Gain
60
dB
Max. Cable Compensation
Current
I_COMP_MAX VDD=18V, COMP=0V
6
μA
POWER MOSFET SECTION
MOSFET Drain-Source
Breakdown Voltage
BVDSS
600
V
On Resistance
RDS(ON)
Static, ID=0.45A
15
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com