Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2651G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US2651G-S08-R
Description  HIGH PRECISION LOW COST MCM POWER SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2651G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US2651G-S08-R Datasheet HTML 1Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 2Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 3Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 4Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 5Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US2651
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-B23.b
HIGH PRECISION LOW COST
MCM POWER SWITCH
DESCRIPTION
The UTC US2651 is a high performance, high precision and low
cost PWM Power switch for non-isolated buck application. It
combines a dedicated current mode PWM controller and error
amplifier for low component count. UTC US2651 use UTC
proprietary frequency shuffling technique for EMI performance. And
oscillator with frequency-reduction control is implemented.
The UTC US2651 has soft start control and protection function,
such as Cycle-by-Cycle current limiting, Over Loading Protection,
Output Short-Circuit Protection, RCS short Protection, OTP, VDD
OVP, and UVLO.
FEATURES
* Power on soft-start
* Load compensation
* Built-in error amplifier
* Oscillator of fixed frequency with frequency-reduction control
* Frequency shuffling for EMI improvement
* Built-in Leading Edge Blanking (LEB)
* Cycle-by-Cycle current limiting
* Over loading protection
* Output short-circuit protection
* VDD Under Voltage Lockout with hysteresis (UVLO)
* VDD OVP
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
US2651L-D08-T
US2651G-D08-T
DIP-8
Tube
-
US2651G-S08-R
SOP-8
Tape Reel
US2651L-D08-T
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package


Similar Part No. - US2651G-S08-R

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
US2 AICTECH-US2 Datasheet
84Kb / 3P
Useful of 4,000 hours at 105°C
logo
Microsemi Corporation
US20 MICROSEMI-US20 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
More results

Similar Description - US2651G-S08-R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
Low Cost, Low Power Precision Op Amp
logo
List of Unclassifed Man...
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
Low Cost Precision Reference
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Linear Technology
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
Low Cost, Low Power Precision Op Amp
logo
PETERMANN-TECHNIK
ULPPO PETERMANN-ULPPO_15 Datasheet
1Mb / 10P
Low Power High Precision Oscillator for Low Cost
logo
Unisonic Technologies
USRB04 UTC-USRB04 Datasheet
146Kb / 6P
HIGH PRECISION PRECISION LOW POWER SWITCH
logo
Shenzhen Huazhimei Semi...
HM2720 HMSEMI-HM2720 Datasheet
1Mb / 11P
High precision, high efficiency, low cost offline power switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com