Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2651G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US2651G-S08-R
Description  HIGH PRECISION LOW COST MCM POWER SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US2651G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  US2651G-S08-R Datasheet HTML 1Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 2Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 3Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 4Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 5Page - Unisonic Technologies US2651G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
US2651
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-B23.b
TYPICAL APPLICATION CIRCUIT
UTC US2651
1 VDD
2 COMP
3
4
NC
CS
8
7
6
5
GND
GND
DRAIN
DRAIN
AC
IN
DC
OUT
10μF
510K
510K
2Ω
47nF
ES1G
ES1G
10μF
1mH
470μF
19V/0.25A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com